Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 26Page - Renesas Technology Corp ERTEC Datasheet HTML 27Page - Renesas Technology Corp ERTEC Datasheet HTML 28Page - Renesas Technology Corp ERTEC Datasheet HTML 29Page - Renesas Technology Corp ERTEC Datasheet HTML 30Page - Renesas Technology Corp ERTEC Datasheet HTML 31Page - Renesas Technology Corp ERTEC Datasheet HTML 32Page - Renesas Technology Corp ERTEC Datasheet HTML 33Page - Renesas Technology Corp ERTEC Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
30
Data Sheet A17989EE2V0DS00
µPD800261
2.
Electrical Specifications
2.1 Absolute Maximum Ratings
Caution:
Product quality may suffer if the absolute maximum rating is exceeded even momen-
tarily for any parameter. That is, the absolute maximum ratings are rated values at
which the product is on the verge of suffering physical damage, and therefore the
product must be used under conditions that ensure that the absolute maximum rat-
ings are not exceeded. The ratings and conditions indicated for DC characteristics
and AC characteristics represent the quality assurance range during normal opera-
tion.
Remark:
3.3 V must be applied to the I/O pins only after applying the power supply voltage.
Table 2-1:
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply for core
VDD Core
-0.5 to +2.0
V
Power supply for IO
VDD IO
-0.5 to +4.6
V
Analog power supply for PLL
PLL_AVDD
-0.5 to +2.0
V
Digital power supply for PHYs
DVVD
-0.5 to +2.0
V
Analog central 3.3 V supply for PHYs
VDDACB
-0.5 to +4.6
V
Analog central 1.5 V supply for PHYs
VDDAPLL
-0.5 to +2.0
V
Analog Rx/Tx port power supply
P(2:1)VDDARXTX
-0.5 to +2.0
V
PECL buffer power supply
VDDQ (PECL)
-0.5 to +4.6
V
Analog test supply
VDD33ESD
-0.5 to +4.6
V
Input voltage
3.3 V CMOS,
VI < VDD + 0.5 V
VI
-0.5 to+ 4.6
V
Junction temperature
TJ
-40 to +120
°C
Storage temperature
TSTG
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com