Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 12Page - Renesas Technology Corp ERTEC Datasheet HTML 13Page - Renesas Technology Corp ERTEC Datasheet HTML 14Page - Renesas Technology Corp ERTEC Datasheet HTML 15Page - Renesas Technology Corp ERTEC Datasheet HTML 16Page - Renesas Technology Corp ERTEC Datasheet HTML 17Page - Renesas Technology Corp ERTEC Datasheet HTML 18Page - Renesas Technology Corp ERTEC Datasheet HTML 19Page - Renesas Technology Corp ERTEC Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
16
Data Sheet A17989EE2V0DS00
µPD800261
Table 1-3: MII Diagnosis Interface Pin Functions
Pin NameNote
I/O
Function
Alternate FunctionNote
SMI_MDC
O
Serial management interface clock
LBU_D12
SMI_MDIO
O
Serial management interface data input/output
LBU_D13
RES_PHY_N
O
Reset signal to PHYs
LBU_D14
TXD_P2(3:0)
O
Transmit data port 2 bits
LBU_D(9:6)
RXD_P23
O
Receive data port 2 bit 3
LBU_A11/PIPESTA2
RXD_P22
O
Receive data port 2 bit 2
LBU_A10/TRACESYNC
RXD_P21
O
Receive data port 2 bit 1
LBU_A9/TRACEPKT0
RXD_P20
O
Receive data port 2 bit 0
LBU_A8/TRACEPKT1
TX_EN_P2
O
Transmit enable port 2
LBU_D10
CRS_P2
O
Carrier sense port 2
LBU_A12/PIPESTA1
RX_ER_P2
O
Receive error port 2
LBU_A13/PIPESTA0
TX_ERR_P2
O
Transmit error port 2
LBU_D11
RX_DV_P2
O
Receive data valid port 2
LBU_A14
COL_P2
O
Collision port 2
LBU_A15
RX_CLK_P2
O
Receive clock port 2
LBU_BE1_N
TX_CLK_P2
O
Transmit clock port 2
LBU_RD_N
TXD_P1(3:0)
O
Transmit data port 1 bits
LBU_D(3:0)
RXD_P13
O
Receive data port 1 bit 3
LBU_A3/TRACEPKT6
RXD_P12
O
Receive data port 1 bit 2
LBU_A2/TRACEPKT7
RXD_P11
O
Receive data port 1 bit 1
LBU_A1/ETMEXTIN1
RXD_P10
O
Receive data port 1 bit 0
LBU_A0/ETMEXTOUT
TX_EN_P1
O
Transmit enable port 1
LBU_D4
CRS_P1
O
Carrier sense port 1
LBU_A4/TRACEPKT5
RX_ER_P1
O
Receive error port 1
LBU_A5/TRACEPKT4
TX_ERR_P1
O
Transmit error port 1
LBU_D5
RX_DV_P1
O
Receive data valid port 1
LBU_A6/TRACEPKT3
COL_P1
O
Collision port 1
LBU_A7/TRACEPKT2
RX_CLK_P1
O
Receive clock port 1
LBU_BE0_N
TX_CLK_P1
O
Transmit clock port 1
LBU_WR_N
Note: MII diagnosis interface pins are alternatively used as local bus interface or trace pins; in this table the
I/O type is listed for the MII diagnosis function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com