Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 32Page - Renesas Technology Corp ERTEC Datasheet HTML 33Page - Renesas Technology Corp ERTEC Datasheet HTML 34Page - Renesas Technology Corp ERTEC Datasheet HTML 35Page - Renesas Technology Corp ERTEC Datasheet HTML 36Page - Renesas Technology Corp ERTEC Datasheet HTML 37Page - Renesas Technology Corp ERTEC Datasheet HTML 38Page - Renesas Technology Corp ERTEC Datasheet HTML 39Page - Renesas Technology Corp ERTEC Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
36
Data Sheet A17989EE2V0DS00
µPD800261
2.4.2 I/O timing specifications
TA = -40 to +85°C, VDDCore = 1.35 V ~ 1.65 V, VDDIO = 3.0 V ~ 3.6 V
Table 2-5: I/O Timing Specifications
Signal
Input
Output
Unit
Clock
Notes
Setup time
TIS min.
Hold time
TIH min.
Valid delay
TOV max.
Hold time
TOH min.
D(31:0)
10
0
12.5
2
ns
CLK_SDRAM
4
A(23:0)
11
2
ns
CLK_SDRAM
4
BE(3:0)_DQM_N(3:0)
11
2
ns
CLK_SDRAM
4
CAS_SDRAM_N
11
2
ns
CLK_SDRAM
5
RAS_SDRAM_N
11
2
ns
CLK_SDRAM
5
WE_SDRAM_N
11
2
ns
CLK_SDRAM
5
CS_SDRAM_N
11
2
ns
CLK_SDRAM
5
WR_N
11
2
ns
CLK_SDRAM
4
RD_N
11
2
ns
CLK_SDRAM
4
LBU_D(15:0)
10.4
0.5
9.2
1
ns
50 MHz
4
LBU_A(20:16)
10.4
0.5
9.2
1
ns
50 MHz
2
LBU_A(15:0)
10.4
0.5
9.2
1
ns
50 MHz
3
LBU_RDY_N
10.4
0.5
9.2
1
ns
50 MHz
5
LBU_IRQ(1:0)_N
10.4
0.5
9.2
1
ns
50 MHz
5
LBU_SEG(1:0)_N
10.4
0.5
9.2
1
ns
50 MHz
2
LBU_CS_M_N
10.4
0.5
9.2
1
ns
50 MHz
2
LBU_CS_R_N
10.4
0.5
9.2
1
ns
50 MHz
2
LBU_WR_N
10.4
0.5
9.2
1
ns
50 MHz
3
LBU_RD_N
10.4
0.5
9.2
1
ns
50 MHz
3
LBU_BE(1:0)_N
10.4
0.5
9.2
1
ns
50 MHz
3
TDI
8
0
ns
TCK
-
TMS
8
0
ns
TCK
-
TDI
8
0
ns
TCK
-
TMS
8
0
ns
TCK
-
TDO
10
2
ns
TCK
5
TRACESYNC
Tc - 3
2
ns
TRACECLK
1, 3
PIPESTA(2:0)
Tc - 3
2
ns
TRACECLK
1, 3
TRACEPKT
Tc - 3
2
ns
TRACECLK
1, 3
Notes: 1. If the trace interface is operated in half rate mode, Tc corresponds to the distance between a rising
and the subsequent falling edge of TRACECLK; if the trace interface is operated in full rate mode, Tc
corresponds to a full period of the trace clock TRACECLK.
2. Minimum hold time is measured with 10 pF load and maximum valid delay is measured with 25 pF
load.
3. Minimum hold time is measured with 10 pF load and maximum valid delay is measured with 10 pF
load.
4. Minimum hold time is measured with 10 pF load and maximum valid delay is measured with 50 pF
load.
5. Minimum hold time is measured with 10 pF load and maximum valid delay is measured with 30 pF
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com