Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 37Page - Renesas Technology Corp ERTEC Datasheet HTML 38Page - Renesas Technology Corp ERTEC Datasheet HTML 39Page - Renesas Technology Corp ERTEC Datasheet HTML 40Page - Renesas Technology Corp ERTEC Datasheet HTML 41Page - Renesas Technology Corp ERTEC Datasheet HTML 42Page - Renesas Technology Corp ERTEC Datasheet HTML 43Page - Renesas Technology Corp ERTEC Datasheet HTML 44Page - Renesas Technology Corp ERTEC Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
41
Data Sheet A17989EE2V0DS00
µPD800261
(3)
LBU Read from ERTEC 200 with Common Read/Write line (LBU_RDY_N active low)
TA = -40 to +85°C, VDDCore = 1.35 V ~ 1.65 V, VDDIO = 3.0 V ~ 3.6 V
Figure 2-6:
LBU Read from ERTEC 200 with Common Read/Write line
Table 2-8: LBU Read from ERTEC 200 with Common Read/Write line
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Write signal deasserted to chip select
asserted setup time
tWCS
-2
-
ns
Address valid to chip select asserted
setup time
tACS
-0
-
ns
Chip select asserted to ready enabled
delay
tCRE
-
5
12
ns
Chip select asserted to data enable
delay
tCDE
-
5
12
ns
Ready active pulse width
tRAP
-17
23
ns
Ready asserted to data valid delay
tRTD
--
5
ns
Write signal inactive to chip select deas-
serted hold time
tCWH
-0
-
ns
Address valid to chip select deasserted
hold time
tCAH
-0
-
ns
Data valid/enabled to chip select deas-
serted hold time
tCDH
-
0
12
ns
Read recovery time
tRR
-25
-
ns
LBU_CS_R_N/
LBU_CS_M_N
LBU_WR_N
LBU_A(20:0)/
LBU_SEG(1:0)/
LBU_BE(1:0)_N
LBU_RDY_N
LBU_D(15:0)
t
ACS
t
WCS
t
CRE
t
CDE
t
RAP
t
RTD
t
CDH
t
CAH
t
CWH
t
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com