Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 39Page - Renesas Technology Corp ERTEC Datasheet HTML 40Page - Renesas Technology Corp ERTEC Datasheet HTML 41Page - Renesas Technology Corp ERTEC Datasheet HTML 42Page - Renesas Technology Corp ERTEC Datasheet HTML 43Page - Renesas Technology Corp ERTEC Datasheet HTML 44Page - Renesas Technology Corp ERTEC Datasheet HTML 45Page - Renesas Technology Corp ERTEC Datasheet HTML 46Page - Renesas Technology Corp ERTEC Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
43
Data Sheet A17989EE2V0DS00
µPD800261
2.4.4 SPI timing specifications
Remarks: 1. Please note, that different serial clock frequency ranges for SPI slave and master
modes are given in Table 2-4.
2. Timing diagrams are shown for TI-format only. Other transfer formats can be configured,
however the AC-timing parameters (setup/hold times, delays) remain in principle
unchanged.
3. Not every external SPI device, that is connected to ERTEC 200, requires usage of all
available SPI signals.
(1)
SPI interface configured to slave mode
TA = -40 to +85°C, VDDCore = 1.35 V ~ 1.65 V, VDDIO = 3.0 V ~ 3.6 V
Figure 2-8:
SPI Timing in Slave Mode (TI-format Example)
Table 2-10: SPI Timing Specifications (slave mode)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
SPI1_SSPRXD setup time
tSSPRXDS
-20
-
ns
SPI1_SSPRXD hold time
tSSPRXDH
-60
-
ns
SPI1_SFRMIN setup time
tSFRMINS
-40
-
ns
SPI1_SFRMIN hold time
tSFRMINH
-20
-
ns
SPI1_SSPTXD delay
tSSPTXDD
-
-
40
ns
SPI1_SSPOE delay
tSSPOED
-
-
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com