Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 22Page - Renesas Technology Corp ERTEC Datasheet HTML 23Page - Renesas Technology Corp ERTEC Datasheet HTML 24Page - Renesas Technology Corp ERTEC Datasheet HTML 25Page - Renesas Technology Corp ERTEC Datasheet HTML 26Page - Renesas Technology Corp ERTEC Datasheet HTML 27Page - Renesas Technology Corp ERTEC Datasheet HTML 28Page - Renesas Technology Corp ERTEC Datasheet HTML 29Page - Renesas Technology Corp ERTEC Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
26
Data Sheet A17989EE2V0DS00
µPD800261
1.3 Pin Status and Recommended Connections
Table 1-15:
Pin Status During Reset and Recommended Connections (1/2)
Pin Name
I/O
Internal pull
up/down
I/O during
reset
Level
during reset
External pull
up/down required
A23
I/ONote 1
50 k
Ω pull up
INote 1
HNote 1
Note 1
A22
I/ONote 1
50 k
Ω pull down
INote 1
LNote 1
Note 1
A21
I/ONote 1
50 k
Ω pull up
INote 1
HNote 1
Note 1
A20
I/ONote 1
50 k
Ω pull down
INote 1
LNote 1
Note 1
A(19:17)
I/ONote 1
50 k
Ω pull up
INote 1
HNote 1
Note 1
A(16:15)
I/ONote 1
50 k
Ω pull down
INote 1
LNote 1
Note 1
A(14:0)
O
-
O
-
-
D(31:0)
I/O
50 k
Ω pull up
I
H
-
WR_N
O
-
O
H
-
RD_N
O
-
O
H
-
CLK_SDRAM
O
-
O
L
-
CS_SDRAM_N
O
-
O
H
-
RAS_SDRAM_N
O
-
O
H
-
CAS_SDRAM_N
O
-
O
H
-
WE_SDRAM_N
O
-
O
H
-
CS_PER(3:0)_N
O
-
O
H
-
BE(3:0)_DQM(3:0)_N
O
-
O
H
-
RDY_PER_N
I
50 k
Ω pull up
I
H
-
DTR_N
I/ONote 1
50 k
Ω pull up
INote 1
HNote 1
Note 1
OE_DRIVER_N
O
-
H
-
ETMEXTOUTNote 2
I/O
50 k
Ω pull up
INote 7
H-
ETMEXTIN1Note 2
I/O
50 k
Ω pull up
I
H
-
TRACEPKT(7:0)Note 2
I/O
50 k
Ω pull up
INote 7
H-
PIPESTA(2:0)Note 2
I/O
50 k
Ω pull up
INote 7
H-
GPIO(44:32)Note 2
I/O
50 k
Ω pull up
I
H
-
GPIO(31:30)Note 2
I/O
50 k
Ω pull up
I
H
-
GPIO(29:27)Note 2
I/O
50 k
Ω pull up
I
H
-
GPIO(28:8)Note 2
I/O
50 k
Ω pull up
I
H
-
GPIO(7:0)Note 2
I/O
50 k
Ω pull up
I
H
-
CLKP_A
I
-
I
-
-
CLKP_B
O
-
O
-
-
TRACECLK
O
-
O
L
F_CLK
I
-
I
-
-
REF_CLK
I/O
-
tri-stateNote 3
--
RESET_N
I
50 k
Ω pull up
I
LNote 4
-
TRST_N
I
-
I
HNote 5
Pull up
TCKNote 6
I
50 k
Ω pull up
I
H
-
TDINote 6
I
50 k
Ω pull up
I
H
-
TMSNote 6
I
50 k
Ω pull up
I
H
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com