Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 30Page - Renesas Technology Corp ERTEC Datasheet HTML 31Page - Renesas Technology Corp ERTEC Datasheet HTML 32Page - Renesas Technology Corp ERTEC Datasheet HTML 33Page - Renesas Technology Corp ERTEC Datasheet HTML 34Page - Renesas Technology Corp ERTEC Datasheet HTML 35Page - Renesas Technology Corp ERTEC Datasheet HTML 36Page - Renesas Technology Corp ERTEC Datasheet HTML 37Page - Renesas Technology Corp ERTEC Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
34
Data Sheet A17989EE2V0DS00
µPD800261
2.4 AC Characteristics
2.4.1 Clock timing
TA = -40 to +85°C, VDDCore = 1.35 V ~ 1.65 V, VDDIO = 3.0 V ~ 3.6 V
Table 2-4: Clock AC Characteristics
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Processor clock frequencyNote 1
PFC
50/100/
150
MHz
Processor clock periodNote 1
PTC
20/10/
6.66
ns
Oscillator clock frequency
PLL_FC
25
- 50 ppm
25
25
+ 50 ppm
MHz
Reference clock frequency
REF_PLL_FC
25
- 50 ppm
25
25
+ 50 ppm
MHz
JTAGClk frequency
JTAG_FC
10
MHz
JTAGClk period
JTAG_TC
100
ns
SPI1_SCLKIN frequency (slave mode)
SPI1_S_FC
0
4.16
MHz
SPI1_SCLKIN low time (slave mode)
SPI1_S_TCL
120
ns
SPI1_SCLKIN high time (slave mode)
SPI1_S_TCH
120
ns
SPI1_SCLKOUT frequency
(master mode)
SPI1_M_FC
769 x 10-6
25
MHz
SPI1_SCLKOUT period (master mode)
SPI1_M_TC
40
1.3 x 106
ns
SPI1_SCLKOUT low time
(master mode)Note 2
SPI1_M_TCL
45
55
%
SPI1_SCLKOUT high time
(master mode)Note 2
SPI1_M_TCH
45
55
%
CLK_SDRAM frequency
SDRAM_FC
50
MHz
CLK_SDRAM period
SDRAM_TC
20
ns
CLK_SDRAM clock stability
SDRAM_TCS
+/- 0.2
ns
CLK_SDRAM input high timeNote 2
SDRAM_TCH
40
60
%
CLK_SDRAM input low timeNote 2
SDRAM_TCL
40
60
%
Notes: 1. The actually permitted maximum clock frequency respectively minimum clock period is given by the
CONFIG(4:3) pin setting during reset and depends additionally on the accuracy of the oscillator
clock.
2. High time and low time are specified in per cent of the nominal clock period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com