Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 29Page - Renesas Technology Corp ERTEC Datasheet HTML 30Page - Renesas Technology Corp ERTEC Datasheet HTML 31Page - Renesas Technology Corp ERTEC Datasheet HTML 32Page - Renesas Technology Corp ERTEC Datasheet HTML 33Page - Renesas Technology Corp ERTEC Datasheet HTML 34Page - Renesas Technology Corp ERTEC Datasheet HTML 35Page - Renesas Technology Corp ERTEC Datasheet HTML 36Page - Renesas Technology Corp ERTEC Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
33
Data Sheet A17989EE2V0DS00
µPD800261
2.3 Thermal Characteristics
Table 2-3: Thermal Characteristics of Package
Parameter
Symbol
Airflow (m/s)
Unit
00.2
1
2
Thermal resistance junction to ambientNote 1
Θja
30
27
23
21
K/W
Thermal resistance junction to top center of
the package surfaceNote 1
Ψjt
0.2
0.3
0.6
0.8
K/W
Thermal resistance top center of the package
surface to ambientNote 1
Ψta
29.8
26.7
22.4
20.2
K/W
Thermal resistance junction to caseNote 2
Θjc
5.2
5.2
5.2
5.2
K/W
Maximum case temperature
Tcmax
105
°C
Notes: 1. The parameters are valid, if no heat sink is used and a PCB with at least 4 layers and massive
ground and power planes.
2. The parameter is valid, if a heat sink is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com