Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 40Page - Renesas Technology Corp ERTEC Datasheet HTML 41Page - Renesas Technology Corp ERTEC Datasheet HTML 42Page - Renesas Technology Corp ERTEC Datasheet HTML 43Page - Renesas Technology Corp ERTEC Datasheet HTML 44Page - Renesas Technology Corp ERTEC Datasheet HTML 45Page - Renesas Technology Corp ERTEC Datasheet HTML 46Page - Renesas Technology Corp ERTEC Datasheet HTML 47Page - Renesas Technology Corp ERTEC Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
44
Data Sheet A17989EE2V0DS00
µPD800261
(2)
SPI interface configured to master mode
TA = -40 to +85°C, VDDCore = 1.35 V ~ 1.65 V, VDDIO = 3.0 V ~ 3.6 V
Figure 2-9:
SPI Timing in Master Mode (TI-format Example)
Table 2-11: SPI Timing Specifications (master mode)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
SPI1_SSPRXD setup time
tSSPRXDS
-14
-
ns
SPI1_SSPRXD hold time
tSSPRXDH
-0
-
ns
SPI1_SFRMOUT delay time
tSFRMOUTD
--0.3
0.3
ns
SPI1_SSPTXD delay
tSSPTXDD
--0.6
0.1
ns
SPI1_SSPOE delay
tSSPOED
--0.6
0.1
ns
SPI1_SSPCTLOE delay
tSSPCTLOED
--0.7
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com