Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 15Page - Renesas Technology Corp ERTEC Datasheet HTML 16Page - Renesas Technology Corp ERTEC Datasheet HTML 17Page - Renesas Technology Corp ERTEC Datasheet HTML 18Page - Renesas Technology Corp ERTEC Datasheet HTML 19Page - Renesas Technology Corp ERTEC Datasheet HTML 20Page - Renesas Technology Corp ERTEC Datasheet HTML 21Page - Renesas Technology Corp ERTEC Datasheet HTML 22Page - Renesas Technology Corp ERTEC Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
19
Data Sheet A17989EE2V0DS00
µPD800261
Table 1-6: UART Pin Functions
Pin Name
I/ONote
Function
Alternate FunctionNote
UART-TXD
O
UART transmit data output
GPIO8
UART-RXD
I
UART receive data input
GPIO9
UART-DCD_N
I
UART carrier detection signal
GPIO10
UART-DSR_N
I
UART data set ready signal
GPIO11
UART-CTS_N
I
UART transmit enable signal
GPIO12
Note: Primary
and
alternate
functions
are
selected
with
the
GPIO_PORT_MODE_H
and
GPIO_PORT_MODE_L registers. In this table the I/O types are listed for the UART function.
Table 1-7: SPI1 Pin Functions
Pin Name
I/ONote
Function
Alternate FunctionNote
SPI1_SSPRXD
I
SPI1 receive data input
GPIO18
SPI1_SSPTXD
O
SPI1 transmit data output
GPIO19
SPI1_SCLKOUT
O
SPI1 clock output
GPIO20
SPI1_SFRMOUT
O
SPI1 serial frame output signal
GPIO21
SPI1_SFRMIN
I
SPI1 serial frame input signal
GPIO22, DBGACK
SPI1_SCLKIN
I
SPI1 clock input
GPIO23
SPI1_SSPCTLOE
O
SPI1 clock and serial frame output enable
GPIO16
SPI1_SSPOE
O
SPI1 output enable
GPIO17
Note: Primary
and
alternate
functions
are
selected
with
the
GPIO_PORT_MODE_H
and
GPIO_PORT_MODE_L registers. In this table the I/O types are listed for the SPI1 function.
Table 1-8: MC_PLL Pin Functions
Pin Name
I/ONote 1
Function
Alternate FunctionNote 1
PLL_EXT_IN_N
I
MC_PLL input signal
GPIO24
TGEN_OUT1_N
O
MC_PLL output signalNote 2
GPIO25
Notes: 1. Primary and alternate functions are selected with the GPIO_PORT_MODE_H register. In this table
the I/O types are listed for the MC_PLL function.
2. For a PROFINET IRT application, GPIO25 must be configured as TGEN_OUT1_N output pin. A syn-
chronous clock signal is then output at this pin; during certification of a PROFINET IO device with
IRT support this signal must be accessible from the outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com