Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 34Page - Renesas Technology Corp ERTEC Datasheet HTML 35Page - Renesas Technology Corp ERTEC Datasheet HTML 36Page - Renesas Technology Corp ERTEC Datasheet HTML 37Page - Renesas Technology Corp ERTEC Datasheet HTML 38Page - Renesas Technology Corp ERTEC Datasheet HTML 39Page - Renesas Technology Corp ERTEC Datasheet HTML 40Page - Renesas Technology Corp ERTEC Datasheet HTML 41Page - Renesas Technology Corp ERTEC Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
38
Data Sheet A17989EE2V0DS00
µPD800261
2.4.3 LBU timing specifications
Remarks: 1. The polarity of the LBU_RDY_N signal can be configured using the CONFIG6 pin.
LBU_POL_RDY signal. LBU_RDY_N must be pulled to its "ready" level by an external
pull-down or the internal pull-up resistor.
CONFIG6 = 0b
LBU_RDY_N active low
use external pull-down resistor
CONFIG6 = 1b
LBU_RDY_N active high
use internal pull-up resistor (default
setting)
2. The CONFIG5 signal is used to select access control through separate read/write lines
or a common read/write line.
CONFIG5 = 0b
use separate read/write lines LBU_RD_N and LBU_WR_N (default
setting)
CONFIG5 = 1b
use common read/write line LBU_WR_N
In case of a common read/write line, LBU_WR_N must be high for a read access and
low for a write access. The unused LBU_RD_N input can then be left open because it is
pulled to inactive (high) level by an internal pull-up resistor.
3. ERTEC 200 responds to a read or write access by first driving LBU_RDY_N to "not
ready" level. Then LBU_RDY_N is driven to "ready" level for tRAP.. The length of the "not
ready" phase of LBU_RDY_N varies strongly on the internal states of ERTEC 200 and
the currently ongoing internal communication processes. Therefore no upper limit for
the length of the "not ready" period is specified.
4. ERTEC 200 has two LBU chip select inputs; one for access to the page configuration
registers (LBU_CS_R_N) and one to access to the ERTEC 200 memory addess space
(LBU_CS_M_N). Only one of these chip select signals may be active at a time and it is
not allowed to change the chip select during the complete access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com