Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERTEC Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 4 Page - Renesas Technology Corp

  ERTEC Datasheet HTML 1Page - Renesas Technology Corp ERTEC Datasheet HTML 2Page - Renesas Technology Corp ERTEC Datasheet HTML 3Page - Renesas Technology Corp ERTEC Datasheet HTML 4Page - Renesas Technology Corp ERTEC Datasheet HTML 5Page - Renesas Technology Corp ERTEC Datasheet HTML 6Page - Renesas Technology Corp ERTEC Datasheet HTML 7Page - Renesas Technology Corp ERTEC Datasheet HTML 8Page - Renesas Technology Corp ERTEC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
4
Data Sheet A17989EE2V0DS00
µPD800261
P(2:1)TDxN
: FX differential transmit out-
put
DBGREQ
: Debug request to ARM9
P(2:1)RDxP
: FX differential receive input
DBGACK
: Debug acknowledge
P(2:1)RDxN
: FX differential receive input
TAP_SEL
: Select TAP controller
P(2:1)SDxP
: FX differential SD input
CLKP_A
: Quartz connection
P(2:1)SDxN
: FX differential SD input
CLKP_B
: Quartz connection
EXTRES
: Reference resistor 12.4 k
Ω
REF_CLK
: Reference clock output
P(2:1)DUPLEX-LED_N
: PHY LED
F_CLK
: Clock for F-counter
P(2:1)LINK-LED_N
: PHY LED
RESET_N
: Power On reset
P(2:1)-SPEED-100LED_N
(TX/FX)
: PHY LED
WD_WDOUT0_N
: Watchdog output
P(2:1)-SPEED-10LED_N
: PHY LED
VDD Core
: Power supply for core,
1.5 V
P(2:1)-RX-LED_N
: PHY LED
GND Core
: GND for core
P(2:1)-TX-LED_N
: PHY LED
VDD IO
: Power supply for IO, 3.3 V
P(2:1)-ACTIVE-LED_N
: PHY LED
GND IO
: GND for IO
PLL_EXT_IN_N
: MC_PLL input signal
PLL_AVDD
: Analog power supply for
PLL, 1.5 V
TGEN_OUT1_N
: MC_PLL output signal
PLL_AGND
: Analog GND for PLL
TRACEPKT(7:0)
: Trace pins of ETM
VDDQ (PECL)
: Power supply for PECL
buffers, 3.3 V
ETMEXTOUT
: ETM output signal
GND (PECL)
: GND for PECL buffers
ETMEXTIN1
: ETM input signal
DVDD(4:1)
: Digital power supply for
PHYs, 1.5 V
PIPESTA(2:0)
: Trace pipeline status
DGND(4:1)
: Digital GND for PHYs
TRACESYNC
: Trace sync signal
P(2:1)VDDARXTX
: Analog port Tx/Rx power
supply, 1.5 V
TRACECLK
: ETM trace or scan clock
P(2:1)VSSARX
: Analog port GND
TRST_N
: JTAG reset
P(2:1)VSSATX(2:1)
: Analog port GND
TCK
: JTAG clock
VDDAPLL
: Analog central power sup-
ply, 1.5 V
TDI
: JTAG data in
VDDACB
: Analog central power sup-
ply, 3.3 V
TMS
: JTAG test mode select
VSSAPLLCB
: Analog central GND
TDO
: JTAG data out
VDD33ESD
: Analog test power supply,
3.3 V
SRST_N
: Hardware reset for debug
usage
GND33ESD
: Analog test GND
(2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com