Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 61Page - ATMEL Corporation ATAM894 Datasheet HTML 62Page - ATMEL Corporation ATAM894 Datasheet HTML 63Page - ATMEL Corporation ATAM894 Datasheet HTML 64Page - ATMEL Corporation ATAM894 Datasheet HTML 65Page - ATMEL Corporation ATAM894 Datasheet HTML 66Page - ATMEL Corporation ATAM894 Datasheet HTML 67Page - ATMEL Corporation ATAM894 Datasheet HTML 68Page - ATMEL Corporation ATAM894 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
65
4679D–4BMCU–05/05
ATAM894
Figure 6-43.
Example of MCL Receive Dialog
6.3.4.6
8-bit Pseudo MCL Mode
In this mode, the SSI exhibits all the typical MCL operational features except for the acknowl-
edge-bit which is never expected or transmitted.
6.3.4.7
MCL Bus Protocol
The MCL protocol constitutes a simple 2-wire bi-directional communication highway via which
devices can communicate control and data information. Although the MCL protocol can support
multi-master bus configurations, the SSI in MCL mode is intended for use purely as a master
controller on a single master bus system. So all reference to multiple bus control and bus con-
tention will be omitted at this point.
All data is packaged into 8-bit telegrams plus a trailing handshaking or acknowledge-bit. Nor-
mally the communication channel is opened with a so-called start condition, which initializes all
devices connected to the bus. This is then followed by a data telegram, transmitted by the mas-
ter controller device. This telegram usually contains an 8-bit address code to activate a single
slave device connected onto the MCL bus. Each slave receives this address and compares it
with its own unique address. The addressed slave device, if ready to receive data, will respond
by pulling the SD line low during the 9th clock pulse. This represents a so-called MCL acknowl-
edge. The controller detecting this affirmative acknowledge then opens a connection to the
required slave. Data can then be passed back and forth by the master controller, each 8-bit tele-
gram being acknowledged by the respective recipient. The communication is finally closed by
the master device and the slave device put back into standby by applying a stop condition onto
the bus.
76 5 4321
7 6 54 3 210 A
msb
lsb
tx data 1
rx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0A
Read SRB
(rx data 2)
SIR
SDD
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com