Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 51 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 47Page - ATMEL Corporation ATAM894 Datasheet HTML 48Page - ATMEL Corporation ATAM894 Datasheet HTML 49Page - ATMEL Corporation ATAM894 Datasheet HTML 50Page - ATMEL Corporation ATAM894 Datasheet HTML 51Page - ATMEL Corporation ATAM894 Datasheet HTML 52Page - ATMEL Corporation ATAM894 Datasheet HTML 53Page - ATMEL Corporation ATAM894 Datasheet HTML 54Page - ATMEL Corporation ATAM894 Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
51
4679D–4BMCU–05/05
ATAM894
Timer 3 – Mode 3:
Timer/Counter, Internal Trigger Restart and Internal Capture
(with TOG2)
The counter is driven by an internal or external (T3I) clock source. The output toggle signal of
Timer 2 resets the counter. The counter value before the reset is saved in the capture register. If
single-action mode is activated for one or both compare registers, the trigger signal restarts the
single actions. This mode can be used for frequency measurements or as event counter with
time gate (see section “Combination Mode 10”).
Figure 6-30.
Event Counter with Time Gate
Timer 3 - Mode 4: Timer/Counter
The timer runs as timer/counter in mode 1, but its output T3O is used as output for the Timer 2
output signal.
Timer 3 – Mode 5:
Timer/Counter, External Trigger Restart and External Capture
(with T3I Input)
The Timer 3 runs as timer/counter in mode 2, but its output T3O is used as output for the Timer
2 output signal.
6.3.3.3
Timer 3 Modulator/Demodulator Modes
Timer 3 – Mode 6:
Carrier Frequency Burst Modulation Controlled by Timer 2 Output
Toggle Flip-Flop (M2)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare
mode registers must be programmed to generate the carrier frequency via the output toggle
flip-flop. The output toggle flip-flop of Timer 2 is used to enable or disable the Timer 3 output.
Timer 2 can be driven by the toggle output signal of Timer 3 or any other clock source (see sec-
tion “Combination Mode 11”).
Timer 3 – Mode 7:
Carrier Frequency Burst Modulation Controlled by SSI Internal
Output (SO)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare
mode registers must be programmed to generate the carrier frequency via the output toggle
flip-flop. The output (SO) of the SSI is used to enable or disable the Timer 3 output. The SSI
should be supplied with the toggle signal of Timer 2 (see section “Combination Mode 12”).
0 01 2 3 45 6 7 8 910
Counter 3
TOG2
T3CP-
Register
11
01
2
40 1
T3I
2
3
T3R
Capture value = 0
Capture value = 11
Capture
value = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com