Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 60Page - ATMEL Corporation ATAM894 Datasheet HTML 61Page - ATMEL Corporation ATAM894 Datasheet HTML 62Page - ATMEL Corporation ATAM894 Datasheet HTML 63Page - ATMEL Corporation ATAM894 Datasheet HTML 64Page - ATMEL Corporation ATAM894 Datasheet HTML 65Page - ATMEL Corporation ATAM894 Datasheet HTML 66Page - ATMEL Corporation ATAM894 Datasheet HTML 67Page - ATMEL Corporation ATAM894 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
64
4679D–4BMCU–05/05
ATAM894
6.3.4.5
9-bit Shift Mode
In the 9-bit shift mode, the SSI is able to handle the MCL protocol (described below). It always
operates as an MCL master device, i.e., SC is always generated and output by the SSI. Both the
MCL start and stop conditions are automatically generated whenever the SSI is activated or
deactivated by the SIR bit. In accordance with the MCL protocol, the output data is always
changed in the clock low phase and shifted in on the high phase.
Before activating the SSI (SIR = 0) and commencing an MCL dialog, the appropriate data direc-
tion for the first word must be set using the SDD control bit. The state of this bit controls the
direction of the data port (BP43 or MCL_SD). Once started, the 8 data bits are, depending on
the selected direction, either clocked into or out of the shift register. During the 9th clock period,
the port direction is automatically switched over so that the corresponding acknowledge bit can
be shifted out or read in. In transmit mode, the acknowledge bit received from the slave device is
captured in the SSI Status Register (TACK) where it can be read by the controller. In receive
mode, the state of the acknowledge bit to be returned to the slave device is predetermined by
the SSI Status Register (RACK).
Changing the directional mode (TX/RX) should not be performed during the transfer of an MCL
telegram. One should wait until the end of the telegram which can be detected using the SSI
interrupt (IFN = 1) or by interrogating the ACT status.
Once started, a 9-bit telegram will always run to completion and will not be prematurely termi-
nated by the SIR bit. So, if the SIR bit is set to '1' in telegram, the SSI will complete the current
transfer and terminate the dialog with an MCL stop condition.
Figure 6-42.
Example of MCL Transmit Dialog
7 6 543 21
76 54 32 10 A
msb
lsb
tx data 1
tx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0A
Write STB
(tx data 2)
SIR
SDD
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com