Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAM894 Datasheet HTML 1Page - ATMEL Corporation ATAM894 Datasheet HTML 2Page - ATMEL Corporation ATAM894 Datasheet HTML 3Page - ATMEL Corporation ATAM894 Datasheet HTML 4Page - ATMEL Corporation ATAM894 Datasheet HTML 5Page - ATMEL Corporation ATAM894 Datasheet HTML 6Page - ATMEL Corporation ATAM894 Datasheet HTML 7Page - ATMEL Corporation ATAM894 Datasheet HTML 8Page - ATMEL Corporation ATAM894 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
Features
• 8 K
× 8-bit EEPROM
• EEPROM Programmable Options
• Read Protection for the EEPROM Program Memory
• 256
× 4-bit RAM
• 2
× 32 × 16-bit Data EEPROM
• Up to Seven External/Internal Interrupt Sources
• Eight Hardware and Software Interrupt Priorities
• 16 Bi-directional I/Os
• Wide Supply-voltage Range (1.8V to 6.5V)
• Very Low Sleep Current (< 1 µA)
• Synchronous Serial Interface (2-wire, 3-wire)
• Multifunction Timer/Counter with Prescaler/Interval Timer
• Voltage Monitoring Inclusive Lo_BAT Detect
• Watchdog, POR and Brown-out Function
1.
Description
The ATAM894 is a member of the Atmel’s family of 4-bit single chip microcontrollers
with 8K
× 8-bit EEPROM program memory. It is based on the 4-K MTP version
ATAM893 and fully compatible with this MTP and the ROM versions ATAR090/890
and ATAR092/892.
Figure 1-1.
Block Diagram
Voltage monitor
External input
MARC4
UTCM
OSC1 OSC2
I/O bus
EEPROM
8 K x 8 bit
RAM
4-bit CPU core
256 x 4 bit
V
DD
Data direction +
alternate function
Data direction +
interrupt control
Port 4
Port 5
Data dir. +
alt. function
Port 6
Timer 3
Brown-out protect.
RESET
Clock management
Timer 1
watchdog timer
Timer 2
Serial interface
Port 1
T2O
SD
SC
T3O
T3I
BP10
BP13
BP20/NTE
BP21
BP22
BP23
BP40
INT3
SC
BP41
VMI
T2I
BP42
T2O
BP43
INT3
SD
BP50
INT6
BP51
INT6
BP52
INT1
BP53
INT1
BP60
T3O
BP63
T3I
RC
oscillators
Crystal
oscillators
VMI
with prescaler
SSI
External
clock input
interval- and
timer/counter
T2I
EEPROM
2 x 32 x 16 bit
Modulator 2
Modulator 3
Demodulator
SD
SC
V
SS
8k-flash
Microcontroller
ATAM894
Rev. 4679D–4BMCU–05/05


Similar Part No. - ATAM894

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAM894P ATMEL-ATAM894P Datasheet
44Kb / 3P
MARC4 4-bit Microcontrollers
ATAM894 ATMEL-ATAM894_14 Datasheet
1Mb / 97P
Read Protection for the EEPROM Program Memory
More results

Similar Description - ATAM894

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252 Datasheet
470Kb / 31P
8-Bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT90C8534 ATMEL-AT90C8534 Datasheet
825Kb / 54P
Microcontroller with 8K Bytes Programmable Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com