Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 78Page - ATMEL Corporation ATAM894 Datasheet HTML 79Page - ATMEL Corporation ATAM894 Datasheet HTML 80Page - ATMEL Corporation ATAM894 Datasheet HTML 81Page - ATMEL Corporation ATAM894 Datasheet HTML 82Page - ATMEL Corporation ATAM894 Datasheet HTML 83Page - ATMEL Corporation ATAM894 Datasheet HTML 84Page - ATMEL Corporation ATAM894 Datasheet HTML 85Page - ATMEL Corporation ATAM894 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
82
4679D–4BMCU–05/05
ATAM894
Combination Mode 12: Burst Modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 2 output mode 2:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6:
Timer 2 compare match toggles (TOG2) to the SSI
Timer 3 mode 7:
Carrier frequency burst modulation controlled by the internal
output (SO) of SSI
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare
mode registers must be programmed to generate the carrier frequency with the output toggle
flip-flop (M3). The internal data output (SO) of the SSI is used to enable and disable the Timer 3
output. The SSI can be supplied with the toggle signal of Timer 2.
Figure 6-64.
Burst Modulation 2
Combination Mode 13: FSK Modulation
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 2 output mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6:
Timer 2 4-bit compare match signal (POUT) to the SSI
Timer 3 mode 8:
FSK modulation with shift register data output (SO)
The two compare registers are used to generate two different time intervals. The SSI data output
selects which compare register is used for the output frequency generation. A '0' level at the SSI
data output enables the compare register 1 and a '1' level enables the compare register 2. The
compare- and compare mode registers must be programmed to generate the two frequencies
via the output toggle flip-flop. The SSI can be supplied with the toggle signal of Timer 2 or any
other clock source. The Timer 3 counter is driven by an internal or external clock source.
0 1 01 2 3 4 5 01 0 1 2 3 4 5 0 1 0 1 23 4 5 0 1 01
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 01
5 0 1 0 1
5 0 1 01
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
30
1
2
3
3
0
1
3
2
CL3
Counter 3
CM31
CM32
TOG3
M3
Counter 2/2
TOG2
SO
T3O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com