Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 39Page - ATMEL Corporation ATAM894 Datasheet HTML 40Page - ATMEL Corporation ATAM894 Datasheet HTML 41Page - ATMEL Corporation ATAM894 Datasheet HTML 42Page - ATMEL Corporation ATAM894 Datasheet HTML 43Page - ATMEL Corporation ATAM894 Datasheet HTML 44Page - ATMEL Corporation ATAM894 Datasheet HTML 45Page - ATMEL Corporation ATAM894 Datasheet HTML 46Page - ATMEL Corporation ATAM894 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
43
4679D–4BMCU–05/05
ATAM894
6.3.2.5
Timer 2 Registers
Timer 2 has 6 control registers to configure the timer mode, the time interval, the input clock and
its output function. All registers are indirectly addressed using extended addressing as
described in section ”Addressing Peripherals” on page 22. The alternate functions of the Ports
BP41 or BP42 must be selected with the Port 4 control register P4CR, if one of the Timer 2
modes require an input at T2I/BP41 or an output at T2O/BP42.
6.3.2.6
Timer 2 Control Register (T2C)
6.3.2.7
Timer 2 Mode Register 1 (T2M1)
Address: '7'hex — Subaddress: '0'hex
Bit 3Bit 2Bit 1Bit 0
T2C
T2CS1
T2CS0
T2TS
T2R
Reset value: 0000b
T2CS1
Timer 2 Clock Select bit 1
T2CS0
Timer 2 Clock Select bit 0
T2TS
Timer 2 Toggle with Start
T2TS = 0, the output flip-flop of Timer 2 is not toggled with the timer start
T2TS = 1, the output flip-flop of Timer 2 is toggled when the timer is started with T2R
T2R
Timer 2 Run
T2R = 0, Timer 2 stop and reset
T2R = 1, Timer 2 run
Table 6-8.
Timer 2 Clock Select Bits
T2CS1
T2CS0
Input Clock (CL 2/1) of Counter Stage 2/1
0
0
System clock (SYSCL)
0
1
Output signal of Timer 1 (T1OUT)
1
0
Internal shift clock of SSI (SCL)
11
Reserved
Address: '7'hex — Subaddress: '1'hex
Bit 3
Bit 2
Bit 1
Bit 0
T2M1
T2D1
T2D0
T2MS1
T2MS0
Reset value: 1111b
T2D1
Timer 2 Duty cycle bit 1
T2D0
Timer 2 Duty cycle bit 0
T2MS1
Timer 2 Mode Select bit 1
T2MS0
Timer 2 Mode Select bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com