Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 23Page - ATMEL Corporation ATAM894 Datasheet HTML 24Page - ATMEL Corporation ATAM894 Datasheet HTML 25Page - ATMEL Corporation ATAM894 Datasheet HTML 26Page - ATMEL Corporation ATAM894 Datasheet HTML 27Page - ATMEL Corporation ATAM894 Datasheet HTML 28Page - ATMEL Corporation ATAM894 Datasheet HTML 29Page - ATMEL Corporation ATAM894 Datasheet HTML 30Page - ATMEL Corporation ATAM894 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
27
4679D–4BMCU–05/05
ATAM894
6.2.3
Bi-directional Port 5
As all other bi-directional ports, this port includes a bit-wise-programmable Control Register
(P5CR), which allows the individual programming of each port bit as input or output. It also
opens up the possibility of reading the pin condition when in output mode. This is a useful fea-
ture for self-testing and for serial bus applications.
The port pins can also be used as external interrupt inputs (see Figure 6-4 on page 27 and Fig-
ure 6-5 on page 27). The interrupts (INT1 and INT6) can be masked or independently configured
to trigger on either edge. The interrupt configuration and port direction is controlled by the Port 5
Control Register (P5CR). An additional low resistance pull-up/-down transistor mask option pro-
vides an internal bus pull-up for serial bus applications.
The Port 5 Data Register (P5DAT) is I/O mapped to the primary address register of address '5'h
and the Port 5 Control Register (P5CR) to the corresponding auxiliary register. The P5CR is a
byte-wide register and is configured by writing first the low nibble and then the high nibble (see
section ”Addressing Peripherals” on page 22).
Figure 6-4.
Bi-directional Port 5
Figure 6-5.
Port 5 External Interrupts
Master reset
Q
V
DD
BP5y
(1) Flash options
P5DATy
I/O Bus
D
IN enable
I/O Bus
(1)
Switched
pull-up
Switched
pull-down
Static
pull-up
(Data out)
S
Static
pull-down
V
DD
V
DD
(1)
(1)
(1)
(1)
(1)
Bidir. Port
Data in
IN_Enable
BP53
P53M2
P53M1
P52M2
P52M1
P51M2
P51M1
P50M2
P50M1
Decoder
Decoder
Decoder
Decoder
Bidir. Port
Data in
IN_Enable
BP52
I/O-bus
Bidir. Port
Data in
IN_Enable
BP5
I/O-bus
Bidir. Port
Data in
IN_Enable
BP5
INT1
INT6
P5CR:
1376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com