Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATAM894 Datasheet HTML 1Page - ATMEL Corporation ATAM894 Datasheet HTML 2Page - ATMEL Corporation ATAM894 Datasheet HTML 3Page - ATMEL Corporation ATAM894 Datasheet HTML 4Page - ATMEL Corporation ATAM894 Datasheet HTML 5Page - ATMEL Corporation ATAM894 Datasheet HTML 6Page - ATMEL Corporation ATAM894 Datasheet HTML 7Page - ATMEL Corporation ATAM894 Datasheet HTML 8Page - ATMEL Corporation ATAM894 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
3
4679D–4BMCU–05/05
ATAM894
3.
Introduction
The ATAM894 is a member of Atmel’s family of 4-bit single-chip microcontrollers. Instead of
ROM it contains EEPROM, RAM, parallel I/O ports, two 8-bit programmable multifunction
timer/counters, voltage supervisor, interval timer with watchdog function and a sophisticated
on-chip clock generation with integrated RC-, 32-kHz and 4-MHz crystal oscillators.
4.
Differences Between ATAM894 and ATARx90/x92
4.1
Program Memory
The program memory of the MTP device is realized as an EEPROM. The memory size for user
programs is 8192 bytes. It is programmed as 258
× 32-byte blocks of data. The implemented
LOCK bit function is user selectable and protects the device from unauthorized read out of the
program memory.
4.2
Configuration Memory
An additional area of 64 bytes of the EEPROM is used to store information about the hardware
configuration. All the options that are selectable for the ROM versions are available to the user.
This includes not only the different port options but also the possibilities to select different capac-
itors for OSC1 and OSC2, the option to enable or disable the hardlock for the watchdog, the
option to select OSC2 instead of OSC1 as external clock input and the option to enable the
external clock monitor as a reset source. Activating the options is performed by the reset cir-
cuitry. Reset starts a download sequence to transfer the information from the memory into a shift
register (configuration register).
4.3
Data Memory
The ATAM894 contains an internal data EEPROM that is organized as two pages of 32
× 16 bit.
If it is necessary to be compatible with the ROM parts, only one page must be used with the
flash part. Also for compatibility reasons the access to the EEPROM is handled via the MCL
(serial interface) as in the corresponding ROM parts. A behavioral difference that only needs to
be considered for error handling can be seen, when the communication via the MCL is not termi-
nated correctly. A missing STOP condition leads to a significantly higher current consumption for
the ROM parts compared to the flash parts. A slightly different concept for the read amplifiers of
the memory makes the flash part more tolerant in terms of communication errors.
19
BP41
I/O
Bi-directional I/O line of Port 4.1
VMI voltage monitor input or T2I external clock input
Timer 2
Input
20
BP42
I/O
Bi-directional I/O line of Port 4.2 T2O Timer 2 output
Input
21
BP43
I/O
Bi-directional I/O line of Port 4.3 SD serial data I/O or INT3 external interrupt input
Input
22
VSS
–
Circuit ground
–
Input
23
NC
–
Not connected
–
–
24
NC
–
Not connected
–
–
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Type
Function
Alternate Function
Reset State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com