Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 76Page - ATMEL Corporation ATAM894 Datasheet HTML 77Page - ATMEL Corporation ATAM894 Datasheet HTML 78Page - ATMEL Corporation ATAM894 Datasheet HTML 79Page - ATMEL Corporation ATAM894 Datasheet HTML 80Page - ATMEL Corporation ATAM894 Datasheet HTML 81Page - ATMEL Corporation ATAM894 Datasheet HTML 82Page - ATMEL Corporation ATAM894 Datasheet HTML 83Page - ATMEL Corporation ATAM894 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
80
4679D–4BMCU–05/05
ATAM894
Figure 6-60.
Frequency Measurement
Figure 6-61.
Event Counter with Time Gate
Combination Mode 11: Burst Modulation 1
Timer 2 mode 1/2:
12-bit compare counter/8-bit compare counter and
4-bit prescaler
Timer 2 output mode 1/6:
Timer 2 compare match toggles the output flip-flop (M2)
to the Timer 3
Timer 3 mode 6:
Carrier frequency burst modulation controlled by Timer 2
output (M2)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare
mode registers must be programmed to generate the carrier frequency with the output toggle
flip-flop. The output toggle flip-flop (M2) of Timer 2 is used to enable and disable the Timer 3 out-
put. The Timer 2 can be driven by the toggle output signal of Timer 3 (TOG3) or any other clock
source.
Figure 6-62.
Burst Modulation 1
0 0 1 2 34 56 78 9 10
Counter 3
TOG2
T3CP-
Register
T3I
T3R
Capture value = 0
Capture value = 17
Capt. value = 18
11121314151617
1 2 34 56 7 8 9 101112 131415161718
0
0 1 23 45
0 01 2 3 45 6 7 8 910
Counter 3
TOG2
T3CP-
Register
11
01
2
40 1
T3I
2
3
T3R
Capture value = 0
Capture value = 11
Cap. value = 4
0 1 0 1 23 45 0 1 01 2 3 4 5 01 0 1 2 3 45 0 1 0 1
5 0 1 0 1
5 0 10 1
5 0 1 0 1
5 0 10 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
30
1
2
3
3
0
1
3
2
CL3
Counter 3
CM1
CM2
TOG3
M3
Counter 2/2
TOG2
M2
T3O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com