Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 51Page - ATMEL Corporation ATAM894 Datasheet HTML 52Page - ATMEL Corporation ATAM894 Datasheet HTML 53Page - ATMEL Corporation ATAM894 Datasheet HTML 54Page - ATMEL Corporation ATAM894 Datasheet HTML 55Page - ATMEL Corporation ATAM894 Datasheet HTML 56Page - ATMEL Corporation ATAM894 Datasheet HTML 57Page - ATMEL Corporation ATAM894 Datasheet HTML 58Page - ATMEL Corporation ATAM894 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
55
4679D–4BMCU–05/05
ATAM894
6.3.3.5
Timer 3 Demodulator for Bi-phase, Manchester and Pulse-width-modulated Signals
The demodulator stage of Timer 3 can be used to decode Bi-phase, Manchester and
puls-width-coded signals
Figure 6-37.
Timer 3 Demodulator 3
6.3.3.6
Timer 3 Registers
6.3.3.7
Timer 3 Mode Register (T3M)
Demodulator 3
T3EX
Res
CM31
Counter 3
Reset
Counter 3
Control
SCI
SI
T3I
T3M
Address: 'B'hex — Subaddress: '0'hex
Bit 3
Bit 2
Bit 1
Bit 0
T3M3
T3M2
T3M1
T3M0
Reset value: 1111b
T3M3
Timer 3 Mode select bit 3
T3M2
Timer 3 Mode select bit 2
T3M1
Timer 3 Mode select bit 1
T3M0
Timer 3 Mode select bit 0
Table 6-13.
Timer 3 Mode Select Bits
Mode
T3M3
T3M2
T3M1
T3M0
Timer 3 Modes
1
1111
Timer/counter with a read access
2
1110
Timer/counter, external capture and external trigger
restart mode (T3I)
3
1101
Timer/counter, internal capture and internal trigger
restart mode (TOG2)
4
1100
Timer/counter mode 1 without output (T2O -> T3O)
5
1011
Timer/counter mode 2 without output (T2O -> T3O)
6
1010
Burst modulation with Timer 2 (M2)
7
1001
Burst modulation with shift register (SO)
8
1000
FSK modulation with shift register (SO)
9
0111
Pulse-width modulation with shift register (SO) and
Timer 2 (TOG2), internal trigger restart (SCO) ->
counter reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com