Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 63Page - ATMEL Corporation ATAM894 Datasheet HTML 64Page - ATMEL Corporation ATAM894 Datasheet HTML 65Page - ATMEL Corporation ATAM894 Datasheet HTML 66Page - ATMEL Corporation ATAM894 Datasheet HTML 67Page - ATMEL Corporation ATAM894 Datasheet HTML 68Page - ATMEL Corporation ATAM894 Datasheet HTML 69Page - ATMEL Corporation ATAM894 Datasheet HTML 70Page - ATMEL Corporation ATAM894 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
67
4679D–4BMCU–05/05
ATAM894
6.3.4.9
Modulation and Demodulation
If the shift register is used together with Timer 2 or Timer 3 for modulation or demodulation pur-
poses, the 8-bit synchronous mode must be used. In this case, the unused Port 4 pins can be
used as conventional bi-directional ports.
The modulation and demodulation stages, if enabled, operate as soon as the SSI is activated
(SIR = 0) and cease when deactivated (SIR = 1).
Due to the byte-orientated data control, the SSI (when running normally) generates serial bit
streams which are submultiples of 8 bits. An SSI output masking (OMSK) function permits, how-
ever, the generation of bit streams of any length. The OMSK signal is derived indirectly from the
4-bit prescaler of the Timer 2 and masks out a programmable number of unrequired trailing data
bits during the shifting out of the final data word in the bit stream. The number of non-masked
data bits is defined by the value pre-programmed in the prescaler compare register. To use out-
put masking, the modulator stop mode bit (MSM) must be set to '0' before programming the final
data word into the SSI transmit buffer. This in turn, enables shift clocks to the prescaler when
this final word is shifted out. On reaching the compare value, the prescaler triggers the OMSK
signal and all following data bits are blanked.
6.3.4.10
Internal 2-wire Multi-chip Link
Two additional on-chip pads (MCL_SC and MCL_SD) for the SC and the SD line can be used as
chip-to-chip link for multi-chip applications. These pads can be activated by setting the MCL bit
in the SISC register. They are also used as interface to the internal data EEPROM
Figure 6-46.
Multi-chip Link
Figure 6-47.
SSI Output Masking Function
SCL
SDA
MCL_SC
MCL_SD
U505M
Microcontroller
V DD
BP40/SC
BP10
BP43/SD
BP13
Multi-chip link
V SS
8-bit shift register
MSB
LSB
Shift_CL
SO
Control
SI
Timer 2
Output
SSI-control
SO
Compare 2/1
4-bit counter 2/1
CL2/1
SCL
CM1
OMSK
SC
TOG2
POUT
T1OUT
SYSCL
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com