Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 45Page - ATMEL Corporation ATAM894 Datasheet HTML 46Page - ATMEL Corporation ATAM894 Datasheet HTML 47Page - ATMEL Corporation ATAM894 Datasheet HTML 48Page - ATMEL Corporation ATAM894 Datasheet HTML 49Page - ATMEL Corporation ATAM894 Datasheet HTML 50Page - ATMEL Corporation ATAM894 Datasheet HTML 51Page - ATMEL Corporation ATAM894 Datasheet HTML 52Page - ATMEL Corporation ATAM894 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
49
4679D–4BMCU–05/05
ATAM894
Most of the timer modes use their compare registers alternately. After the start has been acti-
vated, the first comparison is carried out via the compare register 1, the second is carried out via
the compare register 2, the third is carried out again via the compare register 1 and so on. This
makes it easy to generate signals with constant periods and variable duty cycle or to generate
signals with variable pulse and space widths.
If single-action mode is set for one compare register, the comparison is always carried out after
the first cycle via the other compare register.
The counter can be started and stopped via the control register T3C. This register also controls
the initial level of the output before start. T3C contains the interrupt mask for a T3I input
interrupt.
Via the Timer 3 clock-select register, the internal or external clock source can be selected. This
register selects also the active edge of the external input. An edge at the external input T3I can
generate also an interrupt if the T3EIM bit is set and the Timer 3 is stopped (T3R = 0) in the T3C
register.
The status of the timer as well as the occurrence of a compare match or an edge detect of the
input signal is indicated by the status register T2ST. This allows identification of the interrupt
source because all these events share only one timer interrupt.
Timer 3 compares data values.
The Timer 3 has two 8-bit compare registers (T3CO1, T3CO2). The compare data value can be
‘m’ for each of the Timer 3 compare registers.
The compare data value for the compare registers is: m = x +1
0
≤x ≤255
Timer 3 – Mode 1: Timer/Counter
The selected clock from an internal or external source increments the 8-bit counter. In this mode,
the timer can be used as event counter for external clocks at T3I or as timer for generating inter-
rupts and pulses at T3O. The counter value can be read by the software via the capture register.
Figure 6-26.
Counter Reset with Each Compare Match
0
0
0012
3
5
12
34
0
01
23
1
2
T3R
Counter 3
CM31
INT5
T3O
3
CM32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com