Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 48Page - ATMEL Corporation ATAM894 Datasheet HTML 49Page - ATMEL Corporation ATAM894 Datasheet HTML 50Page - ATMEL Corporation ATAM894 Datasheet HTML 51Page - ATMEL Corporation ATAM894 Datasheet HTML 52Page - ATMEL Corporation ATAM894 Datasheet HTML 53Page - ATMEL Corporation ATAM894 Datasheet HTML 54Page - ATMEL Corporation ATAM894 Datasheet HTML 55Page - ATMEL Corporation ATAM894 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
52
4679D–4BMCU–05/05
ATAM894
Timer 3 – Mode 8: FSK Modulation with Shift Register Data (SO)
The two compare registers are used for generating two different time intervals. The SSI internal
data output (SO) selects which compare register is used for the output frequency generation. A
'0' level at the SSI data output enables the compare register 1. A '1' level enables compare reg-
ister 2. The compare- and compare mode registers must be programmed to generate the two
frequencies via the output toggle flip-flop. The SSI can be supplied with the toggle signal of
Timer 2. The Timer 3 counter is driven by an internal or external clock source. The Timer 2
counter is driven by the Counter 3 (TOG3) (see section “Combination Mode 13”).
Figure 6-31.
FSK Modulation
Timer 3 – Mode 9: Pulse-width Modulation with the Shift Register
The two compare registers are used for generating two different time intervals. The SSI internal
data output (SO) selects which compare register is used for the output pulse generation. In this
mode both compare- and compare mode registers must be programmed for generating the two
pulse widths. It is also useful to enable the single-action mode for extreme duty-cycles. Timer 2
is used as baud-rate generator and for the trigger restart of Timer 3. The SSI must be supplied
with a toggle signal of Timer 2. The counter is driven by an internal or external clock source (see
section “Combination Mode 7”).
Figure 6-32.
Pulse-width Modulation
012340 1 23401 2 3
Counter 3
CM31
CM32
SO
40 1 2 0 12012 0 120 1 201201 20 1 2 3
T3R
40
T3O
1
01
0
0 0 00 00 00 0
0 0 0 0
Counter 3
CM31
CM32
T3O
00 00 0 1 2 3 4 5 6 7 8 9101112131415 0 12 3 4 5
TOG2
67 8
1
9
1112
10
14
13
0
2 3
14
15
0
0
0
1
SIR
SO
SCO
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com