Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 12Page - ATMEL Corporation ATAM894 Datasheet HTML 13Page - ATMEL Corporation ATAM894 Datasheet HTML 14Page - ATMEL Corporation ATAM894 Datasheet HTML 15Page - ATMEL Corporation ATAM894 Datasheet HTML 16Page - ATMEL Corporation ATAM894 Datasheet HTML 17Page - ATMEL Corporation ATAM894 Datasheet HTML 18Page - ATMEL Corporation ATAM894 Datasheet HTML 19Page - ATMEL Corporation ATAM894 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
16
4679D–4BMCU–05/05
ATAM894
The clock module is programmable via software with the clock management register (CM) and
the system configuration register (SC). The required oscillator configuration can be selected with
the OS1 bit and the OS0 bit in the SC register. A programmable 4-bit divider stage allows the
adjustment of the system clock speed. A special feature of the clock management is that an
external oscillator may be used and switched on and off via a port pin for the power-down mode.
Before the external clock is switched off, the internal RC-oscillator 1 must be selected with the
CCS bit and then the SLEEP mode may be activated. In this state an interrupt can wake up the
controller with the RC-oscillator, and the external oscillator can be activated and selected by
software. A synchronization stage avoids clock periods that are too short if the clock source or
the clock speed is changed. If an external input clock is selected, a supervisor circuit monitors
the external input and generates a hardware reset if the external clock source fails or drops
below 500 kHz for more than 1 ms.
Figure 5-12.
Clock Module
The clock module generates two output clocks. One is the system clock (SYSCL) and the other
the periphery (SUBCL). The SYSCL can supply the core and the peripherals and the SUBCL
can supply only the peripherals with clocks. The modes for clock sources are programmable
with the OS1 bit and OS0 bit in the SC register and the CCS bit in the CM register.
Ext. clock
ExIn
ExOut
Stop
RC-oscillator 2
RCOut2
Stop
R
Trim
4-MHz oscillator
4Out
Stop
Oscin
Oscout
Oscin
Oscout
32-kHz oscillator
32Out
Oscin
Oscout
RC-
oscillator 1
RCOut1
Control
Stop
IN1
IN2
Cin
/2
/2
/2
/2
Divider
Sleep
WDL
Osc-Stop
NSTOP
CCS
CSS1
CSS0
CM:
BOT
- - -
OS1
OS0
SUBCL
SYSCL
SC:
*
OSC1
*
OSC2
*
configurable
Cin/16
32 kHz
Table 5-4.
Clock Modes
Mode
OS1
OS0
Clock Source for SYSCL
Clock Source for
SUBCL
CCS = 1
CCS = 0
1
1
1
RC-oscillator 1 (intern)
External input clock
C
in/16
2
0
1
RC-oscillator 1 (intern)
RC-oscillator 2 with external
trimming resistor
C
in/16
3
1
0
RC-oscillator 1 (intern)
4-MHz oscillator
Cin/16
4
0
0
RC-oscillator 1 (intern)
32-kHz oscillator
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com