Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 26Page - ATMEL Corporation ATAM894 Datasheet HTML 27Page - ATMEL Corporation ATAM894 Datasheet HTML 28Page - ATMEL Corporation ATAM894 Datasheet HTML 29Page - ATMEL Corporation ATAM894 Datasheet HTML 30Page - ATMEL Corporation ATAM894 Datasheet HTML 31Page - ATMEL Corporation ATAM894 Datasheet HTML 32Page - ATMEL Corporation ATAM894 Datasheet HTML 33Page - ATMEL Corporation ATAM894 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
30
4679D–4BMCU–05/05
ATAM894
6.2.5
Bi-directional Port 6
The bi-directional Port 6 is a bit-wise configurable I/O port and provides the external pins for the
Timer 3. As a normal port, it performs in exactly the same way as bi-directional Port 6 (see Fig-
ure 6-6 on page 29). Two additional multiplexes allow data and port direction control to be
passed over to other internal modules (Timer 3). The I/O pin for the T3I line has an additional
mode to generate a Timer 3-interrupt. All two Port 6 pins can be individually switched by the
P6CR register. Figure 6-6 on page 29 shows the internal interfaces to bi-directional Port 6.
6.2.5.1
Port 6 Data Register (P6DAT)
6.2.5.2
Port 6 Control Register (P6CR)
P6xM2, P6xM1 – Port 6x Interrupt Mode/Direction Code
Table 6-4.
Port 4 Control Register
Auxiliary Address: '4'hex First Write Cycle
Second Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP40 in input mode
x x 1 1
BP42 in input mode
x x 1 0
BP40 in output mode
x x 1 0
BP42 in output mode
x x 0 1
BP40 enable alternate function (SC for SSI)
x x 0 x
BP42 enable alternate function (T2O for Timer 2)
x x 0 0
BP40 enable alternate function (falling edge interrupt
input for INT3)
1 1 x x
BP43 in input mode
1 1 x x
BP41 in input mode
1 0 x x
BP43 in output mode
1 0 x x
BP41 in output mode
0 1 x x
BP43 enable alternate function (SD for SSI)
0 1 x x
BP41 enable alternate function (VMI for voltage
monitor input)
0 0 x x
BP43 enable alternate function (falling edge interrupt
input for INT3)
0 0 x x
BP41 enable alternate function (T2I external clock
input for Timer 2)
––
Primary register address: '6'hex
Bit 3Bit 2
Bit 1Bit 0
P6DAT
P6DAT3
-
-
P6DAT0
Reset value: 1xx1b
Auxiliary register address: '6'hex
Bit 3Bit 2Bit 1Bit 0
P6CR
P63M2
P63M1
P60M2
P60M0
Reset value: 1111b
Table 6-5.
Port 6 Control Register
Auxiliary Address: ’6’hex
Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP60 in input mode
1 1 x x
BP63 in input mode
x x 1 0
BP60 in output mode
1 0 x x
BP63 in output mode
x x 0 x
BP60 enable alternate port function
(T3O for Timer 3)
0 x x x
BP63 enable alternate port function (T3I
for Timer 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com