Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 38Page - ATMEL Corporation ATAM894 Datasheet HTML 39Page - ATMEL Corporation ATAM894 Datasheet HTML 40Page - ATMEL Corporation ATAM894 Datasheet HTML 41Page - ATMEL Corporation ATAM894 Datasheet HTML 42Page - ATMEL Corporation ATAM894 Datasheet HTML 43Page - ATMEL Corporation ATAM894 Datasheet HTML 44Page - ATMEL Corporation ATAM894 Datasheet HTML 45Page - ATMEL Corporation ATAM894 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
42
4679D–4BMCU–05/05
ATAM894
Timer 2 Output Mode 5
Manchester Modulator: Timer 2 Modulates the SSI internal data output (SO) to Manchester
code
Figure 6-21.
Manchester Modulation
Timer 2 Output Mode 7
PWM Mode: Pulse-width modulation output on Timer 2 output pin (T2O)
In this mode the timer overflow defines the period and the compare register defines the
duty-cycle. During one period only the first compare match occurrence is used to toggle the
timer output flip-flop. Until the overflow all further compare match are ignored. This avoids the
situation that changing the compare register causes the occurrence of several compare match
during one period. The resolution at the pulse-width modulation Timer 2 mode 1 is 12-bit and all
other Timer 2 modes are 8-bit.
Figure 6-22.
PWM Modulation
TOG2
SC
SO
T2O
00
0
00
1
1
01
01
11
1
1
8-bit SR data
Bit 7
Bit 0
0
Bit 7
Bit 0
Data: 00110101
0
0
50
255
100
0
255 0
150
255 0 50
255 0
100
T2R
Input clock
Counter 2/2
Counter 2/2
OVF2
CM2
INT4
T2O
load the next
compare value
T2CO2 = 150
load
load
T1
T2
T3
T1
T2
TT
T
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com