Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATAM894 Datasheet HTML 1Page - ATMEL Corporation ATAM894 Datasheet HTML 2Page - ATMEL Corporation ATAM894 Datasheet HTML 3Page - ATMEL Corporation ATAM894 Datasheet HTML 4Page - ATMEL Corporation ATAM894 Datasheet HTML 5Page - ATMEL Corporation ATAM894 Datasheet HTML 6Page - ATMEL Corporation ATAM894 Datasheet HTML 7Page - ATMEL Corporation ATAM894 Datasheet HTML 8Page - ATMEL Corporation ATAM894 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
2
4679D–4BMCU–05/05
ATAM894
2.
Pin Configuration
Figure 2-1.
Pinning SSO24 Package
1
2
3
4
5
6
7
8
10
9
23
18
17
16
14
15
13
12
11
24
21
22
19
20
BP52/INT1
BP51/INT6
BP50/INT6
OSC1
OSC2
BP60/T3O
BP40/INT3/SC
BP53/INT1
BP10
VDD
NC
NC
BP41/VMI/T2I
BP23
BP22
BP21
BP20/NTE
BP63/T3I
BP43/INT3/SD
BP42/T2O
BP13
VSS
NC
NC
Table 2-1.
Pin Description
Pin
Symbol
Type
Function
Alternate Function
Reset State
1
NC
–
Not connected
–
–
2
NC
–
Not connected
–
–
3
VDD
–
Supply voltage
–
NA
4
BP40
I/O
Bi-directional I/O line of Port 4.0 SC-serial clock or INT3 external interrupt input
Input
5
BP53
I/O
Bi-directional I/O line of Port 5.3 INT1 external interrupt input
Input
6
BP52
I/O
Bi-directional I/O line of Port 5.2 INT1 external interrupt input
Input
7
BP51
I/O
Bi-directional I/O line of Port 5.1 INT6 external interrupt input
Input
8
BP50
I/O
Bi-directional I/O line of Port 5.0 INT6 external interrupt input
Input
9
OSC1
I
Oscillator input
4-MHz crystal input or 32-kHz crystal input or external
clock input or external trimming resistor input
Input
10
OSC2
O
Oscillator output
4-MHz crystal output or 32-kHz crystal output or
external clock input
Input
11
BP60
I/O
Bi-directional I/O line of Port 6.0 T3O Timer 3 output
Input
12
BP10
I/O
Bi-directional I/O line of Port 1.0 –
Input
13
BP13
I/O
Bi-directional I/O line of Port 1.3 –
Input
14
BP63
I/O
Bi-directional I/O line of Port 6.3 T3I Timer 3 input
Input
15
BP20
I/O
Bi-directional I/O line of Port 2.0
NTE test mode enable, see section ”Master Reset” on
page 12
Input
16
BP21
I/O
Bi-directional I/O line of Port 2.1 –
Input
17
BP22
I/O
Bi-directional I/O line of Port 2.2 –
Input
18
BP23
I/O
Bi-directional I/O line of Port 2.3 –
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com