Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 3Page - ATMEL Corporation ATAM894 Datasheet HTML 4Page - ATMEL Corporation ATAM894 Datasheet HTML 5Page - ATMEL Corporation ATAM894 Datasheet HTML 6Page - ATMEL Corporation ATAM894 Datasheet HTML 7Page - ATMEL Corporation ATAM894 Datasheet HTML 8Page - ATMEL Corporation ATAM894 Datasheet HTML 9Page - ATMEL Corporation ATAM894 Datasheet HTML 10Page - ATMEL Corporation ATAM894 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
7
4679D–4BMCU–05/05
ATAM894
Figure 5-4.
Programming Model
5.2.3.2
ROM Banking Register (RBR)
The ROM banking register is a 4-bit register whereby the ATAM894 only uses 2 bit. This register
indicates which ROM bank is presently being addressed. The RBR is accessed with a standard
qFORTH peripheral read or write instruction (IN or OUT, port address 'D' hex).
5.2.3.3
RAM Address Registers
The RAM is addressed with the four 8-bit wide RAM address registers: SP, RP, X and Y. These
registers allow access to any of the 256 RAM nibbles.
5.2.3.4
Expression Stack Pointer (SP)
The stack pointer contains the address of the next-to-top 4-bit item (TOS-1) of the expression
stack. The pointer is automatically pre-incremented if a nibble is moved onto the stack or post-
decremented if a nibble is removed from the stack. Every post-decrement operation moves the
item (TOS-1) to the TOS register before the SP is decremented. After a reset the stack pointer
has to be initialized with “>SP S0” to allocate the start address of the expression stack area.
5.2.3.5
Return Stack Pointer (RP)
The return stack pointer points to the top element of the 12-bit wide return stack. The pointer
automatically pre-increments if an element is moved onto the stack, or it post-decrements if an
element is removed from the stack. The return stack pointer increments and decrements in
steps of 4. This means that every time a 12-bit element is stacked, a 4-bit RAM location is left
unwritten. This location is used by the qFORTH compiler to allocate 4-bit variables. After a reset
the return stack pointer has to be initialized via “>RP FCh”.
TOS
CCR
0
3
0
3
0
7
0
7
7
0
11
RP
SP
X
Y
PC
--
B
I
Program counter
Return stack pointer
Expression stack pointer
RAM address register (X)
RAM address register (Y)
Top of stack register
Condition code register
Carry/borrow
Branch
Interrupt enable
Reserved
0
7
C
0
0
RBR
0
3
ROM banking register
--
--
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com