Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 52Page - ATMEL Corporation ATAM894 Datasheet HTML 53Page - ATMEL Corporation ATAM894 Datasheet HTML 54Page - ATMEL Corporation ATAM894 Datasheet HTML 55Page - ATMEL Corporation ATAM894 Datasheet HTML 56Page - ATMEL Corporation ATAM894 Datasheet HTML 57Page - ATMEL Corporation ATAM894 Datasheet HTML 58Page - ATMEL Corporation ATAM894 Datasheet HTML 59Page - ATMEL Corporation ATAM894 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
56
4679D–4BMCU–05/05
ATAM894
Note:
1. In this mode, the SSI can be used only as demodulator (8-bit NRZ rising edge). All other SSI
modes are not allowed.
6.3.3.8
Timer 3 Control Register 1 (T3C) Write
6.3.3.9
Timer 3 Status Register 1 (T3ST) Read
Note:
The status bits T3C1, T3C2 and T3ED will be reset after a READ access to T3ST.
10
0110
Manchester demodulation/pulse-width demodulation(1)
(T2O -> T3O)
11
0101
Biphase demodulation (T2O -> T3O)
12
0100
Timer/counter with external capture mode (T3I)
13
0011
Not allowed
14
0010
Not allowed
15
0001
Not allowed
16
0000
Not allowed
Table 6-13.
Timer 3 Mode Select Bits (Continued)
Mode
T3M3
T3M2
T3M1
T3M0
Timer 3 Modes
Primary register address: 'C'hex — Write
Bit 3Bit 2Bit 1
Bit 0
Write
T3EIM
T3TOP
T3TS
T3R
Reset value: 0000b
T3EIM
Timer 3 Edge Interrupt Mask
T3EIM = 0, disables the interrupt when an edge event for Timer 3 occurs (T3I)
T3EIM = 1, enables the interrupt when an edge event for Timer 3 occurs (T3I)
T3TOP
Timer 3 Toggle Output Preset
T3TOP = 0, sets toggle output (M3) to '0'
............. ...... T3TOP = 1, sets toggle output (M3) to '1'
............. ...... Note: If T3R = 1, no output preset is possible
T3TS
Timer 3 Toggle with Start . T3TS = 0, Timer 3 output is not toggled during the start
...... ...... T3TS = 1, Timer 3 output is toggled if started with T3R
T3R
Timer 3 Run
...... ...... T3R = 0, Timer 3 stop and reset
...... ...... T3R = 1, Timer 3 run
Primary register address: 'C'hex — Read
Bit 3Bit 2Bit 1
Bit 0
Read
- - -
T3ED
T3C2
T3C1
Reset value: x000b
T3ED
Timer 3 Edge Detect
This bit will be set by the edge-detect logic of Timer 3 input (T3I)
T3C2
Timer 3 Compare 2
This bit will be set when a match occurs between Counter 3 and T3CO2
T3C1
Timer 3 Compare 1
This bit will be set when a match occurs between Counter 3 and T3CO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com