Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM894 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 79Page - ATMEL Corporation ATAM894 Datasheet HTML 80Page - ATMEL Corporation ATAM894 Datasheet HTML 81Page - ATMEL Corporation ATAM894 Datasheet HTML 82Page - ATMEL Corporation ATAM894 Datasheet HTML 83Page - ATMEL Corporation ATAM894 Datasheet HTML 84Page - ATMEL Corporation ATAM894 Datasheet HTML 85Page - ATMEL Corporation ATAM894 Datasheet HTML 86Page - ATMEL Corporation ATAM894 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
83
4679D–4BMCU–05/05
ATAM894
Figure 6-65.
FSK Modulation
7.
Data EEPROM
The internal data EEPROM offers 2 pages of 512 bits each. Both pages are organized as
32
× 16 bit words. The programming voltage as well as the write cycle timing is generated on
chip.
If it is necessary to be compatible with the ROM parts, only the default page must be used with
the flash part. Also for compatibility reasons the access to the EEPROM is handled via the MCL
(serial interface) as in the corresponding ROM parts.
The page select is performed by either writing ''01h'' (page 1) or ''09h'' (page 0) to the EEPROM.
Figure 7-1.
Block Diagram EEPROM
0 1 2 3 4 0 12 34 01 2 3
Counter 3
CM31
CM32
SO
40 1 2 01 2 0 1 2 0 1 2 0 1 2 01 20 1 20 1 2 3
T3R
40
T3O
1
01
0
16-bit read/write buffer
Address
control
8-bit data register
EEPROM
2 x 32 x 16
HV-generator
Timing control
Mode
control
I/O
control
SCL
V
DD
SDA
Page 1
Page 0
--> write "01h"
--> write "09h"
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com