Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 16 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 16 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 12Page - Exar Corporation XRT79L71IB Datasheet HTML 13Page - Exar Corporation XRT79L71IB Datasheet HTML 14Page - Exar Corporation XRT79L71IB Datasheet HTML 15Page - Exar Corporation XRT79L71IB Datasheet HTML 16Page - Exar Corporation XRT79L71IB Datasheet HTML 17Page - Exar Corporation XRT79L71IB Datasheet HTML 18Page - Exar Corporation XRT79L71IB Datasheet HTML 19Page - Exar Corporation XRT79L71IB Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
XRT79L71
13
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
L16
NibbleIntf
I
Nibble Interface Select Input pin:
This input pin is used to configure the Transmit Payload Data Input Interface and
the Receive Payload Data Output Interface blocks to operate in either the Serial
or the Nibble-Parallel Mode.
Setting this input pin "High" configures each of these blocks to operate in
the Nibble-Parallel Mode.
In this mode, the Transmit Payload Data Input Interface block will accept the out-
bound payload data from the System-Side terminal equipment in a nibble-paral-
lel manner via the TxNib[3:0] input pins. Further, the Receive Payload Data
Output Interface block will output inbound payload data to the System-Side ter-
minal equipment in a nibble-parallel via the RxNib[3:0] output pins.
Setting this input pin "Low" configures each of these blocks to operate in
the Serial Mode.
In this mode, the Transmit Payload Data Input Interface block will accept the out-
bound payload data from the System-Side terminal equipment in a serial manner
via the TxSer input pin. Further, the Receive Payload Data Output Interface
block will output the inbound payload data to the System-Side terminal equip-
ment in a serial manner, via the RxSer output pin.
NOTE: This input pin is only active if the XRT79L71 has been configured to
operate in the Clear-Channel Framer Mode. The user is advised to tie
this input pin to GND if the user intends to configure the XRT79L71 to
operate in the ATM UNI or PPP Modes.
B10
TxFrame
O
Transmit End of DS3/E3 Frame Indicator:
This output pin is pulse "High" for one DS3 or E3 clock period, when the Transmit
Section of the XRT79L71 is processing the last bit of a given DS3 or E3 frame.
The implications of this output pin, for each mode of operation, are described
below.
ATM UNI/PPP/High-Speed HDLC Controller Mode:
This output pin serves as an end-of-frame indication to the System-Side terminal
equipment.
Clear-Channel Framer Mode:
If the XRT79L71 is configured to operate in the Clear-Channel Framer mode,
then this output pin serves to alert the System-Side Terminal Equipment that it
needs to begin transmission of a new DS3 or E3 frame. Hence, the System-Side
Terminal Equipment uses this output signal to maintain Framing Alignment with
the XRT79L71.
A11
TxFrameRef
I
Transmit DS3/E3 Framer - Framing Alignment Input pin:
If the the Transmit Section of the XRT79L71 is configured to operate in the
Local-Timing/Frame-Slave Mode, then the Transmit DS3/E3 Framer block will
use this input signal as the Framing Reference.
When the XRT79L71 is configured to operate in this mode any rising edge at this
input pin will cause the Transmit DS3/E3 Framer block to begin its creation of a
new DS3 or E3 frame. Consequently, the user must supply a clock signal that is
equivalent to the DS3 or E3 frame rates to this input pin. Further, it is imperative
that this clock signal be synchronized with the 44.736MHz or 34.368MHz clock
signal applied to the TxInClk input pin.
NOTE: This input pin should be tied to GND if it is not to be used as the Transmit
DS3/E3 Framer block - Framing Reference input signal.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com