Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 68 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 68 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation XRT79L71IB Datasheet HTML 66Page - Exar Corporation XRT79L71IB Datasheet HTML 67Page - Exar Corporation XRT79L71IB Datasheet HTML 68Page - Exar Corporation XRT79L71IB Datasheet HTML 69Page - Exar Corporation XRT79L71IB Datasheet HTML 70Page - Exar Corporation XRT79L71IB Datasheet HTML 71Page - Exar Corporation XRT79L71IB Datasheet HTML 72Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 109 page
background image
XRT79L71
65
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
• The Transmit PLCP Processor Block
• The Transmit DS3/E3 Framer Block
• The Transmit DS3/E3 LIU Block
• The Receive DS3/E3 LIU Block
• The Receive DS3/E3 Framer Block
• The Receive PLCP Processor Block
• The Receive LAPD Controller Block
• The Receive SSM Controller Block (E3, ITU-T G.832 Applications Only)
• The Receive Trail-Trace Message Controller Block (ITU-T G.832 Applications Only)
• The Receive FEAC Controller Block (DS3, C-bit Parity Applications Only)
• The Receive ATM Cell Processor Block
• The Receive Overhead Data Output Interface Block
• The Receive UTOPIA Interface Block
Each of these functional blocks is briefly discussed below.
These functional blocks will be discussed in
considerable detail throughout this data sheet.
The Transmit UTOPIA Interface Block
The purpose of the Transmit UTOPIA Interface block is to provide a standard UTOPIA Level 1, 2 or 3 interface
to the ATM Layer Processor, for writing in the contents of all Valid ATM cells, into the Transmit FIFO (TxFIFO).
The Transmit UTOPIA Interface Block can be configured to operate with either an 8 or 16-bit wide
Transmit UTOPIA Data bus.
NOTE:
The Transmit UTOPIA Interface block supports UTOPIA Level 3 from a signaling stand-point.
The Transmit
UTOPIA Interface Block (within the XRT79L71) still only supports a 16-bit wide (not 32-bit wide) UTOPIA Bus and
only operates at clock rates of up to 50MHz (not 100MHz).
The Transmit Overhead Data Input Interface block (not shown in Figure 4)
The purpose of the Transmit Overhead Data Input Interface block is to permit the user to externally insert his/
her own values for overheads bits into the outbound DS3/E3 data-stream.
The Transmit ATM Cell Processor Block
The purpose of the Transmit ATM Cell Processor block is to read out the contents of user cells that have been
written into the TxFIFO (via the Transmit UTOPIA Interface block); and perform the following functions.
• Optionally Compute and Verify the HEC byte of each cell written into the TxFIFO
• To optionally discard all incoming ATM cells that contain HEC byte errors
• To optionally compute and insert the HEC byte into the fifth octet position, within each ATM cell that is written
into the TxFIFO
• To optionally filter User Cells (that are read out from the TxFIFO) by either discarding these User Cells, or by
replicating them and routing the copies of these cells to the Transmit Cell Extraction Buffer
• To insert cells (residing within the Transmit Cell Insertion Buffer) into the Transmit Data Path anytime the
TxFIFO is depleted of user cells
• To generate Idle Cells anytime the TxFIFO and the Transmit Cell Insertion Buffer are depleted of User cells
• To route the composite stream of valid and idle cells to either the Transmit PLCP Processor or the Transmit
DS3/E3 Framer Block.
The Transmit FEAC Controller Block (DS3, C-bit Parity Applications Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com