Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 19Page - Exar Corporation XRT79L71IB Datasheet HTML 20Page - Exar Corporation XRT79L71IB Datasheet HTML 21Page - Exar Corporation XRT79L71IB Datasheet HTML 22Page - Exar Corporation XRT79L71IB Datasheet HTML 23Page - Exar Corporation XRT79L71IB Datasheet HTML 24Page - Exar Corporation XRT79L71IB Datasheet HTML 25Page - Exar Corporation XRT79L71IB Datasheet HTML 26Page - Exar Corporation XRT79L71IB Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
XRT79L71
20
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
C2
TxGFCClk
O
Transmit GFC Nibble-Field Serial Input port - Clock Output signal:
This signal, along with TxGFC and TxGFCMSB combine to function as the
Transmit GFC Nibble-field serial input port. This output signal functions as the
demand clock signal for this port. The user will specify the value of the GFC
field, within a given ATM cell, by serially transmitting its four bit-value into the
TxGFC input pin. The Transmit GFC Nibble-Field serial input port will latch the
contents of TxGFC upon the rising edge of this clock signal. Hence, the System-
Side terminal equipment should be designed to place its outbound GFC bits on
to the TxGFC line, upon the falling edge of this clock signal.
NOTE: This output pin is only active if the XRT79L71 has been configure to
operate in the ATM UNI Mode.
B8
TxNib_3/
TxPOHIns/
TxHDLCDat_3
I
Transmit Nibble Interface - Bit 3/Transmit PLCP Path Overhead Insert
enable/Transmit HDLC Controller Data Bus - Bit 3 input:
The function of this input pin depends upon whether the XRT79L71 is configured
to operate in the Clear-Channel Framer Mode, the High-Speed HDLC Controller
Mode or in the ATM/PLCP Mode.
Clear-Channel Framer Mode - TxNib_3 - Transmit Nibble Interface - Bit 3:
If the XRT79L71 is configured to operate in the Nibble-Parallel Mode, then this
input pin will function as the bit 3 (MSB) input to the Transmit Nibble-Parallel
input interface. The Transmit Payload Data Input Interface block will sample this
signal (along with TxNib_0 through TxNib_2) upon the falling edge of TxNibClk.
NOTE: This input pin is inactive if the XRT79L71 is configured to operate in the
Serial Mode.
ATM/PLCP Mode - TxPOHInsTxPOHIns - Transmit PLCP Path Overhead
Insert Enable Input pin:
f the XRT79L71 is configured to operate in the ATM Mode, and if (within the ATM
Mode, the chip is also configured to operate in the PLCP Mode), then this input
pin functions as the Transmit PLCP Path Overhead Port - Enable input pin. In
this mode, the user can externally insert desired path overhead byte values into
the outbound PLCP frames.
The Transmit PLCP Path Overhead Input port becomes active whenever the
user asserts this input pin by pulling it "High". Once this occurs, the data, resid-
ing upon the TxPOH input pin will be sampled upon the rising edge of the TxPO-
HClk signal.
NOTE: This input pin is inactive (and should be tied to GND) if the XRT79L71 is
configured to operate in the Direct-Mapped ATM Mode.
High-Speed HDLC Controller Mode - TxHDLCDat_3 - Transmit High-Speed
HDLC Controller Data Bus - Bit 3 Input pin:
If the XRT79L71 is configured to operate in the High-Speed HDLC Controller
mode, then this input pin will function as Bit 3 within the Transmit High-Speed
HDLC Controller Input Interface block - Input Data Bus (e.g., the TxHDL-
CData[7:0] input pins).
The Transmit High-Speed HDLC Controller Input Interface block provides the
System-Side terminal equipment with a byte-wide Transmit High-Speed HDLC
Controller clock output signal (TxHDLCClk). The Transmit High-Speed HDLC
Controller Input Interface sample the data residing on this input pin (along with
the rest of the TxHDLCData[7:0] input pins) upon the rising edge of the TxHDL-
CClk clock output signal.
NOTE: This input pin is inactive (and should be tied to GND) if the XRT79L71
has been configured to operate in the PPP Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com