Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 95 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 95 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 91Page - Exar Corporation XRT79L71IB Datasheet HTML 92Page - Exar Corporation XRT79L71IB Datasheet HTML 93Page - Exar Corporation XRT79L71IB Datasheet HTML 94Page - Exar Corporation XRT79L71IB Datasheet HTML 95Page - Exar Corporation XRT79L71IB Datasheet HTML 96Page - Exar Corporation XRT79L71IB Datasheet HTML 97Page - Exar Corporation XRT79L71IB Datasheet HTML 98Page - Exar Corporation XRT79L71IB Datasheet HTML 99Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
XRT79L71
92
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
TRANSMIT PAYLOAD DATA INPUT INTERFACE
TRANSMIT PAYLOAD DATA INPUT INTERFACE - TIMING REQUIREMENTS
t11
TxUClav signal valid (not Hi-Z) from first TxUClk rising edge of
valid and correct TxUAddr[4:0]
3.6
9.7
ns
t12
TxUClav signal Hi-Z from first TxUClk rising edge of different
TxUAddr[4:0]
3.6
9.7
ns
TABLE 16: TIMING INFORMATION FO RTHE TRNASMIT PAYLOAD DATA INPUT INTERFACE BLOCK
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Transmit Payload Data Input Interface - Loop-Timed/Serial Mode (See
Figure 17)
t1
Payload data (TxSer) set-up time to rising edge of
RxOutClk
12
ns
t2
Payload data (TxSer) hold time, from rising edge of
RxOutClk
0
ns
t3
RxOutClk to TxFrame output delay
5
ns
t4
RxOutClk to TxOHInd output delay
6
ns
Transmit Payload Data Input Interface - Local Timed/Serial Mode (See
Figure 18)
t5
Payload data (TxSer) set-up time to rising edge of
TxInClk
4
ns
t6
Payload data (TxSer) hold time, from rising edge of
TxInClk
0
ns
t7
TxFrameRef set-up time to rising edge of TxInClk
2
ns
Framer IC is
Frame Slave
t8
TxFrameRef hold-time, from rising edge of TxInClk
0
ns
Frame IC is
Frame Slave
t9
TxInClk to TxOHInd output delay
15
ns
t10
TxInClk to TxFrame output delay
13
ns
Transmit Payload Data Input Interface - Looped-Timed/Nibble Mode (See
Figure 19)
t11
TxNib set-up time to third rising edge of RxOutClk
30
ns
t12
Payload Nibble hold time, from latching edge of
RxOutClk
30
ns
t13
TxNibClk to TxNibFrame output delay
25
31
ns
ns
DS3 Applications
E3 Applications
t13A
Max Delay of Rising Edge of TxNibClk to Data Valid
on TxNib[3:0]
20
27
ns
ns
DS3 Applications
E3 Applications
Transmit Payload Data Input Interface - Local-Timed/Nibble Mode (See
Figure 20
TABLE 15: TIMING INFORMATION FOR THE TRANSMIT UTOPIA INTERFACE BLOCK
SYMBOL
PARAMETER
MIN.TYP
MAX.UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com