Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 18Page - Exar Corporation XRT79L71IB Datasheet HTML 19Page - Exar Corporation XRT79L71IB Datasheet HTML 20Page - Exar Corporation XRT79L71IB Datasheet HTML 21Page - Exar Corporation XRT79L71IB Datasheet HTML 22Page - Exar Corporation XRT79L71IB Datasheet HTML 23Page - Exar Corporation XRT79L71IB Datasheet HTML 24Page - Exar Corporation XRT79L71IB Datasheet HTML 25Page - Exar Corporation XRT79L71IB Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
XRT79L71
19
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
D9
TxNibClk/
TxGFCMSB/
SendFCS
I/O
Transmit Nibble Clock Output pin/Transmit GFC Byte - MSB Indicator Out-
put/Send FCS Value Request Input:
The function of this input/output pin depends upon whether the XRT79L71 is
configured to operate in the Clear-Channel Framer Mode, the High-Speed HDLC
Controller Mode or in the ATM Mode.
Clear-Channel Framer Mode - TxNibClk - Transmit Nibble Clock Output pin:
When operating in the Nibble-Parallel Mode the XRT79L71 will derive this clock
signal from either the TxInClk or the RxLineClk signal depending upon whether
the chip is operating in the Local-Timing or Loop-Timing Mode.
The user is advised to configure the Terminal Equipment to output the outbound
payload data to the XRT79L71 onto the TxNib_[3:0] input pins, upon the rising
edge of this clock signal. The Transmit Payload Data Input Interface block will
sample the data, residing on the TxNib_[3:0] line, upon the falling edge this clock
signal.
NOTES:
1.
For DS3 applications, the XRT79L71 will output 1176 clock pulses to
the System-Side terminal equipment for each outbound DS3 frame.
2.
For E3, ITU-T G.832 applications, the XRT79L71 will output 1074 clock
pulses to the System-Side terminal equipment for each outbound E3
frame.
3.
For E3, ITU-T G.751 applications, the XRT79L71 will output 384 clock
pulses to the System-Side terminal equipment for each outbound E3
frame.
ATM Mode - TxGFCMSB - Transmit GFC Input Port - MSB Indicator Output:
This signal, along with TxGFC and TxGFCClk combine to function as the Trans-
mit GFC Nibble Field serial input port. This output signal will pulse "High" when
the MSB (most significant bit) of the GFC nibble for a given outbound cell is
expected at the TxGFC input pin.
High-Speed HDLC Controller Mode - SendFCS - Transmit High-Speed
HDLC Controller - Send FCS Command Input pin:
The System-Side terminal equipment is expected to control both this input pin,
along with the SendMSG input pin, during the construction and transmission of
each outbound HDLC frame.
This input pin is used to command the Transmit HDLC Controller block to com-
pute and insert the computed FCS (Frame-Check Sequence) value into the
back-end of the outbound HDLC frame, as a trailer.
If the user has configured the Transmit HDLC Controller block to compute and
insert a CRC-16 value into the outbound HDLC frame, then the System-Side ter-
minal equipment is expected to hold this input pin "High" for two periods of TxH-
DLCClk.Conversely, if the user has configured the Transmit HDLC Controller
block to compute and insert a CRC-32 value into the outbound HDLC frame,
then the System-Side terminal equipment is expected to hold this input pin
"High" for four (4) periods of TxHDLCClk.
NOTES:
1.
This input/output pin is inactive if the XRT79L71 has been configured to
operate in the PPP Mode.
2.
This input/output pin is inactive if the XRT79L71 has been configured to
operate in the Clear-Channel Framer/Serial mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com