Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 53 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 53 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 49Page - Exar Corporation XRT79L71IB Datasheet HTML 50Page - Exar Corporation XRT79L71IB Datasheet HTML 51Page - Exar Corporation XRT79L71IB Datasheet HTML 52Page - Exar Corporation XRT79L71IB Datasheet HTML 53Page - Exar Corporation XRT79L71IB Datasheet HTML 54Page - Exar Corporation XRT79L71IB Datasheet HTML 55Page - Exar Corporation XRT79L71IB Datasheet HTML 56Page - Exar Corporation XRT79L71IB Datasheet HTML 57Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
XRT79L71
50
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PIN #
NAME
TYPE
DESCRIPTION
TRANSMIT LINE SIDE SIGNALS
R15
TxON
I
Transmit Driver ON - Channel n:
This input pin is used to either enable or disable the Transmit Output Driver within
the Transmit DS3/E3 LIU Block.
"Low" - Disables the Transmit Output Driver within the Transmit DS3/E3 LIU Block.
In this setting, the TTIP and TRING output pins will be tri-stated.
"High" - Enables the Transmit Output Driver within the Transmit DS3/E3 LIU Block.
In this setting, the TTIP and TRING output pins will be enabled.
NOTES:
1.
Whenever the transmitters are turned off , the TTIP and TRING output
pins will be tri-stated.
2.
These pins are internally pulled "High".
P16
DS3CLK
/SFMCLK
I
Clock Recovery PLL DS3 Reference Clock Input/12.288MHz SFM Reference
Clock Input:
The function of this input pin depends upon whether or not the XRT79L71 has
been configured to operate in the SFM (Single Frequency Mode) Mode, as
described below.
If the XRT79L71 is NOT operating in the Single-Frequency Mode
If the XRT79L71 has NOT been configured to operate in the SFM Mode, then this
input pin will functions as the Reference Clock for the Clock Recovery PLL and the
Jitter Attenuator PLL within the Receive DS3/E3 LIU Block, whenever the
XRT79L71 has been configured to operate in the DS3 Mode.
NOTE: For DS3/Non-SFM Modes of operation, the user is expected to supply a
44.736MHz ± 20ppm clock signal to this input pin.
If the XRT79L71 is operating in the Single-Frequency Mode
If the user has configured the XRT79L71 to operate in the SFM Mode, then the
user MUST apply a clock signal with a frequency of 12.288MHz ± 20ppm to this
input pin. The SFM Synthesizer block (within the Receive DS3/E3 LIU Block) will
then synthesize one of the appropriate line rate frequencies (e.g., 34.368MHz for
E3 and 44.736MHz for DS3) based upon this 12.288MHz Reference Clock
source.
NOTE: If the user does not intend to operate the XRT79L71 in the SFM Mode, nor
the DS3 Mode, tie this input pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com