Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 42Page - Exar Corporation XRT79L71IB Datasheet HTML 43Page - Exar Corporation XRT79L71IB Datasheet HTML 44Page - Exar Corporation XRT79L71IB Datasheet HTML 45Page - Exar Corporation XRT79L71IB Datasheet HTML 46Page - Exar Corporation XRT79L71IB Datasheet HTML 47Page - Exar Corporation XRT79L71IB Datasheet HTML 48Page - Exar Corporation XRT79L71IB Datasheet HTML 49Page - Exar Corporation XRT79L71IB Datasheet HTML 50Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
XRT79L71
43
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
C3
RxGFC/
RxIdle
O
Receive GFC Nibble Field - Output Pin/Receive Idle Sequence Indicator:
The function of this output pin depends upon whether the XRT79L71 is operat-
ing in the ATM Mode or in the High-Speed HDLC Controller Mode.
ATM Mode - RxGFC:
This pin, along with the RxGFCClk and the RxGFCMSB pins form the Receive
GFC Nibble-Field serial output port. This pin will serially output the contents of
the GFC Nibble field of each cell that is processed via the Receive Cell Proces-
sor. This data is serially clocked out of this pin on the rising edge of the RxGFC-
Clk signal. The MSB of each GFC value is designated by a pulse at the
RxGFCMSB output pin.
High-Speed HDLC Controller Mode - RxIdle:
The combination of the RxIdle and ValidFCS output signals are used to convey
information about data that is being output via the Receive HDLC Controller out-
put Data bus (RxHDLCDat_[7:0]).
If RxIdle = "High":
The Receive HDLC Controller block will drive this output pin "High" anytime the
flag sequence octet (0x7E) is present on the RxHDLCDat[7:0] output data bus.
If RxIdle and ValidFCS are both "High":
The Receive HDLC Controller block has received a complete HDLC frame, and
has determined that the FCS value within this HDLC frame are valid.
If RxIdle is "High" and ValidFCS is "Low":
The Receive HDLC Controller block has received a complete HDLC frame, and
has determined that the FCS value within this HDLC frame is invalid.
If RxIdle is "High" and ValidFCS is "Low":
The Receive HDLC Controller block has received an ABORT sequence.
NOTE: : This output pin is in-active if the XRT79L71 has been configured to
operate in either the Clear-Channel Framer or in the PPP Modes.
A1
RxGFCClk
O
Received GFC Nibble Serial Output Port Clock Signal:
This output pin functions as a part of the Receive GFC Nibble-Field Serial Out-
put Port, also consisting of the RxGFC and RxGFCMSB pins. This pin provides
a clock pulse which allows external circuitry to latch in the GFC Nibble-Data via
the RxGFC output pin.
NOTE: This output pin is only active if the XRT79L71 is operating in the ATM
UNI Mode.
B1
RxGFCMSB
O
Receive GFC Nibble Field - MSB Indicator:
This output pin functions as a part of the Receive GFC Nibble Field Serial Out-
put port which also consists of the RxGFC and RxGFCClk pins. This pin pulses
"High" the instant that the MSB (Most Significant Bit) of a GFC Nibble is being
output on the RxGFC pin.
NOTE: This output pin is only active if the XRT79L71 is operating in the ATM
UNI Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com