Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 26Page - Exar Corporation XRT79L71IB Datasheet HTML 27Page - Exar Corporation XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
XRT79L71
27
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
M4
TxUEN/
TxPEN
I
Transmit UTOPIA Interface Block - Write Enable/Transmit POS-PHY Inter-
face - Write Enable:
The function of this input pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or PPP Mode.
ATM UNI Mode Operation - TxUEN - Transmit UTOPIA Interface - Write
Enable Input pin:
This active-"Low" signal, from the ATM Layer processor enables the data on the
Transmit UTOPIA Data Bus to be latched and written into the TxFIFO on the ris-
ing edge of TxUClk. When this signal is asserted (e.g., pulled to a logic "Low"
level), then the contents of the byte or word that is present, on the Transmit UTO-
PIA Data Bus (TxUData[15:0]), will be latched into the Transmit UTOPIA Inter-
face block, on the rising edge of TxUClk.
When this signal is negated, then the Transmit UTOPIA Data bus inputs will be
tri-stated.
PPP Mode Operation - TxPEN - Transmit POS-PHY Interface - Write Enable
Input pin:
This active-"Low" signal, from the Link Layer processor enables the data on the
Transmit POS-PHY Data Bus to latched and be written into the TxFIFO on the
rising edge of TxPClk. When this signal is asserted (e.g., pulled to a logic "Low"
level), then the contents of the byte or word that is present, on the Transmit POS-
PHY Data Bus (TxPData[15:0]), will be latched into the Transmit POS-PHY Inter-
face block, on the rising edge of TxPClk.
When this signal is negated, then the Transmit POS-PHY Data bus inputs will be
tri-stated.
NOTE: This input pin is only active if the XRT79L71 has been configured to
operate in the ATM UNI or PPP Mode. The user should tie this input pin
to GND to operate the XRT79L71 in either the Clear-Channel Framer or
High-Speed HDLC Controller Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com