Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation XRT79L71IB Datasheet HTML 40Page - Exar Corporation XRT79L71IB Datasheet HTML 41Page - Exar Corporation XRT79L71IB Datasheet HTML 42Page - Exar Corporation XRT79L71IB Datasheet HTML 43Page - Exar Corporation XRT79L71IB Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
XRT79L71
37
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
D5
RxPOOF
O
Receive PLCP Processor Block - PLCP Out of Frame Defect Indicator:
The XRT79L71 will assert this output pin (e.g., toggle it "High") anytime (and for
the duration that) the Receive PLCP Processor block is currently declaring the
PLCP OOF (Out of Frame) defect condition.
Conversely, the XRT79L71 will negate this output pin (e.g., toggle it "Low") any-
time (and for the duration that) the Receive PLCP Processor block is NOT
declaring the PLCP OOF defect condition.
NOTE: This output pin is only active if the XRT79L71 has been configured to
operate in both the ATM UNI and PLCP Modes.
A2
RxPLOF
O
Receive PLCP Processor Block - PLCP Loss of Frame Defect Indicator
Output:
The XRT79L71 will assert this output pin (e.g., toggle it "High") anytime (and for
the duration that) the Receive PLCP Processor block is currently declaring the
PLCP LOF (Loss of Frame) defect condition.
Conversely, the XRT79L71 will negate this output pin (e.g., toggle it "Low") any-
time (and for the duration that) the Receive PLCP Processor block is NOT
declaring the PLCP LOF defect condition.
NOTE: This output pin is only active is the XRT79L71 has been configured to
operate in both the ATM UNI/PLCP Modes.
C5
RxNib_0/
RxHDLCDat_0
O
Receive Nibble Interface Output pin - Bit 0/Receive HDLC Controller Data
Bus output pin - Bit 0:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel/Nibble-Parallel Mode, the High-
Speed HDLC Controller Mode, or in some other mode.
Clear-Channel/Nibble-Parallel Mode - RxNib_0:
The XRT79L71 will output Received data from the remote terminal equipment
to the System-Side terminal equipment via this pin, along with RxNib_1 through
RxNib_3. This particular output pin functions as the LSB.
The data at this pin is updated on the rising edge of the RxClk output signal.
Hence, the user's System-Side terminal equipment should sample this signal
upon the falling edge of RxClk.
High-Speed HDLC Controller Mode - Receive High-Speed HDLC Controller
Output Interface Block - Data Bus Output Pin #0 - RxHDLCDat_0:
This output pin along with RxHDLCDat_[7:1] functions as the Receive High-
Speed HDLC Controller Output Interface byte wide output data bus. This par-
ticular output pin functions as the LSB (Least Significant Bit) of the Receive
High-Speed HDLC Controller byte wide data bus. The Receive High-Speed
HDLC Controller will output the contents of all HDLC frames and flag sequence
octects via this output data bus, upon the rising edge of the RxHDLCClk output
signal. Hence, the user's System-Side terminal equipment should be designed/
configured to sample this data upon the falling edge of the RxHDLCClk output
clock signal.
NOTE: This output pin is only active if the XRT79L71 is configured to operate in
either the Clear-Channel/ Framer/Nibble-Parallel Mode or in the High-
Speed HDLC Controller Mode. This output is inactive for all remaining
modes.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com