Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
XRT79L71
29
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
P3
TxUSoC/
TxPSoP/
TxPSoC
I
Transmit UTOPIA - Start of Cell Input/Transmit POS-PHY - Start of Packet
Input (Packet Mode)/Transmit POS-PHY - Start of Chunk Input (Chunk
Mode):
The function of this input signal depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI Mode, the PPP Packet Mode, or in the
PPP Chunk Mode, as described below.
ATM UNI Mode Operation - TxUSoC TxUSoC - Transmit Start of Cell Indica-
tor Input:
This input pin is driven by the ATM Layer Processor and is used to indicate the
start of an ATM cell that is being transmitted from the ATM Layer Processor. This
input pin must be pulsed "High" whenever the first byte (or word) of a new cell is
present on the Transmit UTOPIA Data Bus (TxUData[15:0]). This input pin must
remain "Low" at all other times.
PPP Mode Operation - TxPSoP/TxPSoC
If the XRT79L71 has been configured to operate in the PPP Mode, then the role
of this input pin can be further sub-divided, depending upon whether the Trans-
mit POS-PHY Interface block has been configured to operate in the Packet
Mode, or in the Chunk Mode, as described below.
PPP Packet Mode Operation - TxPSoP (Transmit POS-PHY - Start of Packet
Input):
If the XRT79L71 has been configured to operate in the Packet-Mode, then the
Link Layer Processor must pulse this input pin "High" coincident to whenever it
places the very first byte (or 16-bit word) of a given packet onto the Transmit
POS-PHY Data Bus (TxPData[15:0]) input pins.
NOTE: The Link Layer Processor must keep this input pin "Low" at all other
times.
PPP Chunk Mode Operation - TxPSoC (Transmit POS-PHY - Start of Chunk
Input):
If the XRT79L71 has been configured to operate in the Chunk Mode, then the
Link Layer Processor must pulse this input pin "High" coincident to whenever it
places the very first byte (or 16-bit word) of a given Chunk onto the Transmit
POS-PHY Data Bus (TxPData[15:0]) input pins.
NOTES:
1.
The Link Layer Processor must keep this input pin "Low" at all other
times.
2.
This input pin is only valid if the XRT79L71 has been configured to
operate in the ATM UNI or PPP Modes. The user should tie this input
pin to GND to operate the XRT79L71 in either the Clear-Channel
Framer or in the High-Speed HDLC Controller Modes.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com