Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 57 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 57 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 53Page - Exar Corporation XRT79L71IB Datasheet HTML 54Page - Exar Corporation XRT79L71IB Datasheet HTML 55Page - Exar Corporation XRT79L71IB Datasheet HTML 56Page - Exar Corporation XRT79L71IB Datasheet HTML 57Page - Exar Corporation XRT79L71IB Datasheet HTML 58Page - Exar Corporation XRT79L71IB Datasheet HTML 59Page - Exar Corporation XRT79L71IB Datasheet HTML 60Page - Exar Corporation XRT79L71IB Datasheet HTML 61Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
XRT79L71
54
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PIN #
NAME
TYPE
DESCRIPTION
VDD PINS
G7
G8
G9
G10
K7
K8
K9
K10
H14
N14
3.3V Power Supply Pins
R16
CLKVDD
3.3V Clock Power Supply Pin
T16
JAAVDD
3.3V Jitter Attenuator Analog Power Supply Pin
N13
OVDD
3.3V Output Power Supply Pin
R12
REFAVDD
3.3V Reference Analog Power Supply Pin
T13
RXAVDD
3.3V Receive Analog Power Supply Pin
N11
TXDVDD
3.3V Transmit Digital Power Supply Pin
T12
TXAVDD
3.3V Transmit Analog Power Supply Pin
PIN #
NAME
TYPE
DESCRIPTION
GND PINS
H7
H8
H9
H10
J7
J8
J9
J10
H15
N15
Ground Pins
N16
CLKGND
3.3V Clock Ground Pin
T15
JAAGND
3.3V Jitter Attenuator Analog Ground Pin
M13
OGND
3.3V Output Ground Pin
P12
REFAGND
3.3V Reference Analog Ground Pin
T14
RXAGND
3.3V Receive Analog Ground Pin
N10
TXDGND
3.3V Transmit Digital Ground Pin
N12
TXAGND
3.3V Transmit Analog Ground Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com