Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 36 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 36 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation XRT79L71IB Datasheet HTML 40Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
XRT79L71
33
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
PIN #
NAME
TYPE
DESCRIPTION
RECEIVE SYSTEM SIDE INTERFACE PINS
A4
RxAIS/
RxNib_2/
RxHDLCDat_2
O
Receive AIS Pattern Indicator/Receive Nibble Output Interface - Bit 2/
Receive HDLC Controller Data Bus - Bit 2 output pin:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer/Nibble-Parallel Interface
Mode, the High-Speed HDLC Controller Mode, or in the other modes.
Other Modes - RxAIS - AIS Defect Indicator Output Pin:
This output pin is driven "High" whenever the Receive DS3/E3 Framer block
has detected and is currently declaring the AIS (Alarm Indicator Signal) defect.
Clear-Channel Framer/Nibble-Parallel Interface Mode - RxNib_2:
If the XRT79L71 is configured to operate in the Nibble-Parallel Mode, then this
output pin will function as the bit 2 output from the Receive Nibble-Parallel out-
put interface. The Receive Payload Data Output Interface block will output this
signal (along with RxNib_0, RxNib_1, and RxNib_3) upon the rising edge of the
RxClk output signal.
High-Speed HDLC Controller Mode - Receive High Speed HDLC Controller
Output Interface Block - Data Bus Output Pin #2 - RxHDLCDat_2:
This output pin along with RxHDLCDat_[7:3] and RxHDLCDat_[1:0] functions
as the Receive High-Speed HDLC Controller Output Interface byte wide output
data bus. The Receive High-Speed HDLC Controller outputs the contents of all
HDLC frames and flag sequence octets via this output data bus, upon the rising
edge of the RxHDLCClk output signal. Hence, the user's System-Side terminal
equipment should be designed/configured to sample this data upon the falling
edge of the RxHDLCClk output clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com