Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 75Page - Exar Corporation XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation XRT79L71IB Datasheet HTML 81Page - Exar Corporation XRT79L71IB Datasheet HTML 82Page - Exar Corporation XRT79L71IB Datasheet HTML 83Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
XRT79L71
76
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
General Flow of XRT79L71 ATM UNI/PPP/Clear-Channel DS3/E3 Framer Device Interrupt Servicing
Whenever any of the conditions, presented in Table 4 occur (if their Interrupt is enabled), then the XRT79L71
will generate an interrupt request to the µC/µP by asserting the active-low interrupt request output pin, INT*.
Shortly after the µC/µP has detected the activated INT* signal, it will enter into the appropriate user-supplied
interrupt service routine. The first task, for the µC/µP, while running this interrupt service routine, may be to
isolate the source of the interrupt request down to the device level (e.g., the XRT79L71 ATM UNI/PPP/Clear-
Channel DS3/E3 Framer device), if multiple peripheral devices exist in the user's system.
However, once the interrupting peripheral device has been identified and determined to be the XRT79L71, the
next task for the µC/µP is to identify the functional block (within the XRT79L71) that requested the interrupt.
Finally, the µC/µP will need to proceed further and identify the exact condition(s) causing the interrupt to be
generated by the XRT79L71.
The procedure for servicing the XRT79L71 Interrupts is best achieved by executing the following steps.
STEP 1 - Determine the Functional Block(s) requesting the Interrupt
Framer Block Interrupt Status Register
0x1105
RxDS3 Interrupt Enable RegisterRxE3 Interrupt Enable Register # 1 - ITU-T G.751RxE3 Inter-
rupt Enable Register # 1 - ITU-T G.832
0x1112
RxDS3 Interrupt Status RegisterRxE3 Interrupt Enable Register # 2 - ITU-T G.751RxE3 Inter-
rupt Enable Register # 2 - ITU-T G.832
0x1113
RxE3 Interrupt Status Register # 1 - ITU-T G.751RxE3 Interrupt Status Register # 1 - ITU-T
G.832
0x1114
RxE3 Interrupt Status Register # 2 - ITU-T G.751RxE3 Interrupt Status Register # 2 - ITU-T
G.832
0x1115
RxDS3 FEAC Interrupt Enable/Status Register
0x1117
RxDS3/E3 LAPD Control Register
0x1118
TxDS3 FEAC Configuration & Status Register
0x1131
TxDS3/E3 LAPD Status/Interrupt Register
0x1134
RxPLCP Interrupt Enable Register
0x1191
RxPLCP Interrupt Status Register
0x1192
LIU Interrupt Enable Register
0x1301
LIU Interrupt Status Register
0x1302
Receive ATM Cell Processor Block - Receive ATM Interrupt Status Register - Byte 1
0x170A
Receive ATM Cell Processor Block - Receive ATM Interrupt Status Register - Byte 0
0x170B
Receive ATM Cell Processor Block - Receive ATM Interrupt Enable Register - Byte 1
0x170E
Receive ATM Cell Processor Block - Receive ATM Interrupt Enable Register - Byte 0
0x170F
Transmit ATM Cell Processor Block - Transmit ATM Interrupt Status Register
0x1F0B
Transmit ATM Cell Processor Block - Transmit ATM Interrupt Enable Register
0x1F0F
TABLE 4: A LISTING OF THE XRT79L71 ATM UNI/PPP/CLEAR-CHANNEL DS3/E3 FRAMER DEVICE INTERRUPT
BLOCK REGISTERS
REGISTER
ADDRESS LOCATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com