Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 60 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 60 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 56Page - Exar Corporation XRT79L71IB Datasheet HTML 57Page - Exar Corporation XRT79L71IB Datasheet HTML 58Page - Exar Corporation XRT79L71IB Datasheet HTML 59Page - Exar Corporation XRT79L71IB Datasheet HTML 60Page - Exar Corporation XRT79L71IB Datasheet HTML 61Page - Exar Corporation XRT79L71IB Datasheet HTML 62Page - Exar Corporation XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
XRT79L71
57
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
Figure 2 indicates that the XRT79L71 consists of the following functional blocks.
• The Transmit Payload Data Input Interface Block
• The Transmit Overhead Data Input Interface Block
• The Transmit LAPD Controller Block
• The Transmit FEAC Controller Block (DS3, C-bit Parity Applications Only)
• The Transmit Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications Only)
• The Transmit SSM Controller Block (E3, ITU-T G.832 Applications Only)
• The Transmit DS3/E3 Framer Block
• The Transmit DS3/E3 LIU Block
• The Receive DS3/E3 LIU Block
• The Receive DS3/E3 Framer Block
• The Receive SSM Controller Block (E3, ITU-T G.832 Applications Only)
• The Receive Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications Only)
• The Receive FEAC Controller Block (DS3, C-bit Parity Applications Only)
• The Receive LAPD Controller Block
• The Receive Payload Data Output Interface Block
• The Receive Overhead Data Output Interface Block
Each of these functional blocks is briefly discussed below.
These functional blocks will be discussed in
considerable detail throughout this data sheet.
FIGURE 2. THE FUNCTIONAL BLOCK DIAGRAM OF THE XRT79L71 WHEN IT HAS BEEN CONFIGURED TO OPERATE IN
THE
CLEAR-CHANNEL DS3/E3 FRAMER MODE
Transmit Payload
Data Input
Interface Block
Transmit DS3/E3
Framer Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
Receive DS3/E3
Framer Block
Receive Payload
Data Output
Interface Block
Microprocessor
Interface
TxSer
TxNib[3:0]
TxInClk
MOTO
D[7:0]
A[8:0]
IntB*
CSB*
RdB_DS
WrB_RW
Rdy_Dtck
Reset*
ALE_AS
RxSer
RxNib[3:0]
RxOutClk
Tx LAPD Buffer/
Controller
Rx LAPD Buffer/
Controller
Transmit Overhead
Input
Interface Block
Receive Overhead
Output
Interface Block
TxOHClk
TxOHIns
TxOHInd
TxOH
TxOHEnable
TxOHFrame
TxNibClk
TxFrame
RxNibClk
RxFrame
RxOHFrame
RxOH
RxOHClk
RxOHEnable
RxOHInd
Transmit
DS3/E3
LIU Block
Transmit
DS3/E3
LIU Block
Receive
DS3/E3
LIU Block
Receive
DS3/E3
LIU Block
TTIP
TRING
RTIP
RRING
Only one JA exists.
Can be configured in
Tx or Rx Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com