Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 67 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 67 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation XRT79L71IB Datasheet HTML 66Page - Exar Corporation XRT79L71IB Datasheet HTML 67Page - Exar Corporation XRT79L71IB Datasheet HTML 68Page - Exar Corporation XRT79L71IB Datasheet HTML 69Page - Exar Corporation XRT79L71IB Datasheet HTML 70Page - Exar Corporation XRT79L71IB Datasheet HTML 71Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
XRT79L71
64
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
If the XRT79L71 has been configured to operate in the High-Speed HDLC Controller Mode, then the Receive
Overhead Data Output Interface block will be disabled.
A MORE DETAILED FUNCTIONAL/ARCHITECTURAL DESCRIPTION FOR THE HIGH-SPEED HDLC
CONTROLLER MODE
page 7 of word 3/12/04
The Functional/Architectural Description of the XRT79L71, when configured to operate in the High-Speed
HDLC Controller Mode, can be found in Section _, within the document entitled: 79L71_Arch_Descr_HDLC.pdf
-Architectural/Functional Description of the XRT79L71 1-Channel DS3/E3 ATM UNI/PPP/Clear-Channel
Framer with LIU IC - High-Speed HDLC Controller Applications.
BRIEF FUNCTIONAL/ARCHITECTURAL DESCRIPTION OF THE XRT79L71 - ATM UNI OVER DS3/E3
MODE
If the XRT79L71 has been configured to operate in the ATM UNI over DS3/E3 Mode, then it will have the
Functional Architecture as is presented below in Figure 4.
Figure 4 indicates that the XRT79L71 consists of the following functional blocks.
• The Transmit UTOPIA Interface Block
• The Transmit Overhead Data Input Interface Block
• The Transmit ATM Cell Processor Block
• The Transmit FEAC Controller Block (DS3 C-bit Parity Applications Only)
• The Transmit Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications Only)
• The Transmit SSM Controller Block (E3, ITU-T G.832 Appications Only)
• The Transmit LAPD Controller Block
FIGURE 4. THE FUNCTIONAL BLOCK DIAGRAM OF THE XRT79L71 WHEN IT HAS BEEN CONFIGURED TO OPERATE IN
THE
ATM UNI OVER DS3/E3 MODE
Tx
UTOPIA
Interface
Block
Tx
UTOPIA
Interface
Block
Rx
UTOPIA
Interface
Block
Rx
UTOPIA
Interface
Block
Tx ATM
Cell
Processor
Block
Tx ATM
Cell
Processor
Block
Rx ATM
Cell
Processor
Block
Rx ATM
Cell
Processor
Block
Tx PLCP
Processor
Block
Tx PLCP
Processor
Block
Rx PLCP
Processor
Block
Rx PLCP
Processor
Block
Rx DS3/E3
Framer
Block
Rx DS3/E3
Framer
Block
Tx DS3/E3
Framer
Block
Tx DS3/E3
Framer
Block
Rx DS3/E3
LIU
Block
Rx DS3/E3
LIU
Block
Tx DS3/E3
LIU
Block
Tx DS3/E3
LIU
Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
DS3/E3
Jitter
Attenuator
Block
Rx PLCP Processor Block
Can be by-passed for “Direct-Mapped”
ATM Applications
Tx PLCP Processor Block
Can be by-passed for “Direct-Mapped”
ATM Applications
Only one JA exists.
Can be configured in
Tx or Rx Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com