Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 61Page - Exar Corporation XRT79L71IB Datasheet HTML 62Page - Exar Corporation XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation XRT79L71IB Datasheet HTML 66Page - Exar Corporation XRT79L71IB Datasheet HTML 67Page - Exar Corporation XRT79L71IB Datasheet HTML 68Page - Exar Corporation XRT79L71IB Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
XRT79L71
62
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
NOTE: The Transmit FEAC Controller block is only active if the XRT79L71 is configured to operate in the DS3, C-bit Parity
Framing format.
The Transmit Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications only)
The Transmit SSM Controller Block (E3, ITU-T G.832 Applications only)
The Transmit DS3/E3 Framer Block
The purpose of the Transmit DS3/E3 Framer block is to accept payload data from the Transmit High-Speed
HDLC Controller block, the Transmit LAPD Controller block and the Transmit FEAC Controller block and to
construct a DS3/E3 data-stream for transmission to the remote terminal equipment. More specifically, in this
particular application, the Transmit DS3/E3 Framer block is responsible for accepting the outbound HDLC
frames and Flag Sequences octets from the Transmit High-Speed HDLC Controller block, and inserting this
data into the payload bits/bytes within the outbound DS3/E3 fames. Additionally, the Transmit DS3/E3 Framer
block can be configured to do all of the following.
• To transmit the AIS Indicator (upon Software Control)
• To automatically transmit the FERF/RDI Indicator (in response to the Receive DS3/E3 Framer block
declaring the LOS, LOF/OOF or AIS defect condition)
• To transmit the FERF/RDI indicator (upon Software Control)
• To automatically transmit the FEBE/REI Indicator (in response to the Receive DS3/E3 Framer block
detecting Frmaing bit or CP-bit errors - DS3, C-bit Parity Applications)
• To automatically transmit the FEBE/REI Indicator (response to the Receive DS3/E3 Framer block detecting
BIP-8 Errors - E3, ITU-T G.832 Applications)
• To transmit the FEBE/REI Indicator (upon Software Control).
The Transmit DS3/E3 LIU Block
The purpose of the Transmit DS3/E3 LIU Block is to accept the outbound DS3/E3 data-stream from the
Transmit DS3/E3 Framer block, and to perform all of the following operations on the signal.
• To encode into the B3ZS Line Code (for DS3 Applications) or the HDB3 Line Code (for E3 Applications)
• To convert this outbound DS3 or E3 data-stream into a DS3/E3 line signal and transmit this signal to the
remote terminal equipment
• To generate and transmit DS3 pulses that complies with the Isolated Pulse Template requirements per
Bellcore GR-499-CORE
• To generate and transmit E3 pulse that complies with the ITU-T G.703 Pulse Template requirements for E3
applications.
The Receive DS3/E3 LIU Block
The purpose of the Receive DS3/E3 LIU Block is to receive a DS3/E3 line signal from the remote terminal
equipment, and to perform the following operations on this incoming line signal.
• To decode this incoming signal from the B3ZS Line Code (for DS3 Applications) or from the HDB3 Line Code
(for E3 Applications) into a binary data-stream
• To route this binary data-stream to the Receive DS3/E3 Framer block for further processing.
• To insure that the XRT79L71 meets all of the following Receive requirements.
a. The Receive Sensitivity requirement for DS3 Applications (e.g., able to receive a DSX-3 type of signal
through at least 450 feet of cable loss).
b. The Receive Sensitivity requirement for E3 Applications (e.g., able to receive an E3 signal over 12dB of
cable loss).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com