Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 47 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 47 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 43Page - Exar Corporation XRT79L71IB Datasheet HTML 44Page - Exar Corporation XRT79L71IB Datasheet HTML 45Page - Exar Corporation XRT79L71IB Datasheet HTML 46Page - Exar Corporation XRT79L71IB Datasheet HTML 47Page - Exar Corporation XRT79L71IB Datasheet HTML 48Page - Exar Corporation XRT79L71IB Datasheet HTML 49Page - Exar Corporation XRT79L71IB Datasheet HTML 50Page - Exar Corporation XRT79L71IB Datasheet HTML 51Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 109 page
background image
XRT79L71
44
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
H1
RxUClav/RxPPA
O
Receive UTOPIA - Cell Available/Receive POS-PHY Interface - Packet
Available:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or PPP Mode.
ATM UNI Mode - RxUClav - Receive UTOPIA Interface - Cell Available Indi-
cator Output:
The Receive UTOPIA Interface block will assert this output pin in order to indi-
cate that the RxFIFO has some ATM cell data that needs to be read out by the
ATM Layer Processor. This signal will be asserted (e.g., toggles to a logic
"High" level) if the RxFIFO contains at least one full ATM cell of data. This sig-
nal toggle "Low" if the RxFIFO is depleted of data, or if it contains less than one
full cell of data. The exact behavior of the RxUClav output pin, as a function of
UTOPIA Level is presented below.
Multi-PHY Operation - UTOPIA Level 2:
When the XRT79L71 is operating in a Multi-PHY Application and is configured
to operate in the UTOPIA Level 2 Mode, then this signal will be tri-stated until
the RxUClk cycle following the assertion of a valid address on the Receive
UTOPIA Address bus input pins (e.g., if the contents on the Receive UTOPIA
Address bus pins , RxUAddr[4:0], match that which have been assigned to this
particular Receive UTOPIA Interface block). Afterwards, this output pin will be
driven either "High" or "Low" depending upon the current fill status of the
RxFIFO.
Multi-PHY Operation - UTOPIA Level 3:
When the XRT79L71 is operating in a Multi-PHY Application, then this signal
will be tri-stated until two RxUClk cycles following the assertion of a valid
address on the Receive UTOPIA Address bus input pins (e.g., if the contents of
the Receive UTOPIA Address bus input pins, RxUAddr[4:0], match that which
have been assigned to this particular Receive UTOPIA Interface block). After-
wards, this output pin will be driven either "High" or "Low" depending upon the
current fill status of the RxFIFO.
PPP Mode - RxPPA - Receive POS-PHY Interface - Packet Available Indica-
tor Output
The XRT79L71 will drive this output pin "High" whenever a (programmable)
number of bytes of incoming PPP Packet data are available to be read from the
RxFIFO by the Link Layer Processor. The exact behavior of the RxPPA output
pin, as a function of POS-PHY Level is presented below.
POS-PHY Level 2:
When the XRT79L71 is configured to operate in the POS-PHY Level 2 Mode,
then this signal will be tri-stated until the RxPClk cycle following the assertion of
a valid address on the Receive POS-PHY Address bus input pins (e.g., if the
contents on the Receive POS-PHY Address bus pins, RxPAddr[4:0], match that
which have been assigned to this particular Receive POS-PHY Interface block).
Afterwards, this output pin will be driven either "High" or "Low" depending upon
the current fill status of the RxFIFO.
POS-PHY Level 3:
When the XRT79L71 is configured to operate in the POS-PHY Level 3 Mode,
then this signal will be tri-stated until two RxPClk cycles following the assertion
of a valid address on the Receive POS-PHY Address bus input pins (e.g., if the
contents on the Receive POS-PHY Address bus pins, RxPAddr[4:0], match that
which have been assigned to this particular Receive POS-PHY Interface block).
Afterwards, this output pin will be driven either "High" or "Low" depending upon
the current fill status of the RxFIFO.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com