Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation XRT79L71IB Datasheet HTML 81Page - Exar Corporation XRT79L71IB Datasheet HTML 82Page - Exar Corporation XRT79L71IB Datasheet HTML 83Page - Exar Corporation XRT79L71IB Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
XRT79L71
77
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
If the interrupting device turns out to be the XRT79L71 ATM UNI/PPP/Clear-Channel DS3/E3 Framer IC, then
the µC/µP must determine which functional block requested the interrupt. Hence, upon reaching this state,
one of the very first things that the µC/µP must do within the user supplied XRT79L71 Interrupt Service
Routine, is to perform a read of both of the following registers.
• Operation Interrupt Status Register - Byte 1 (Address = 0x0112)
• Operation Interrupt Status Register - Byte 0 (Address = 0x0113)
The bit-format of each of these registers is presented below.
Each of the Operation Block Interrupt Status Register presents the interrupt-request status of each of the
functional blocks within the chip. The purpose of these two registers is to help the µC/µP identify which
functional block(s) has requested the interrupt. Whichever bit(s) are asserted, in this register, identifies which
block(s) has requested the interrupt. Whichever bit(s) are asserted, in this register, identifies which block(s)
have experienced an interrupt-generating condition as presented in Table 5. Once the µC/µP has read this
register, it can determine which branch within the interrupt service routine that it must follow in order to properly
service this interrupt.
The XRT79L71 ATM UNI/PPP/Clear-Channel DS3/E3 Framer IC further supports the Operational Block
hierarchy by providing the Operation Block Interrupt Enable Register - Bytes 1 and 0. The bit format of these
two registers are identical to that for the Operation Block Interrupt Status Registers - Byte 1 and 0, and are
presented below for the sake of completeness.
Operation Interrupt Status Register - Byte 1 (Address = 0x0112)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
DS3/E3 LIU/
JA Block Inter-
rupt Status
DS3/E3
Framer Block
Interrupt Sta-
tus
Unused
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
0
0
0
0
0
0
0
0
Operation Interrupt Status Register - Byte 0 (Address = 0x0113)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Receive ATM Cell/
PPP Processor
Block Interrupt Sta-
tus
Unused
Transmit ATM Cell/
PPP Processor
Block Interrupt Sta-
tus
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com